Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T551B107K025AT4251 Datasheet(PDF) 5 Page - Kemet Corporation

Part # T551B107K025AT4251
Description  Includes F-Tech anode which eliminates hidden defects
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T551B107K025AT4251 Datasheet(HTML) 5 Page - Kemet Corporation

  T551B107K025AT4251 Datasheet HTML 1Page - Kemet Corporation T551B107K025AT4251 Datasheet HTML 2Page - Kemet Corporation T551B107K025AT4251 Datasheet HTML 3Page - Kemet Corporation T551B107K025AT4251 Datasheet HTML 4Page - Kemet Corporation T551B107K025AT4251 Datasheet HTML 5Page - Kemet Corporation T551B107K025AT4251 Datasheet HTML 6Page - Kemet Corporation T551B107K025AT4251 Datasheet HTML 7Page - Kemet Corporation T551B107K025AT4251 Datasheet HTML 8Page - Kemet Corporation T551B107K025AT4251 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2072_T551 • 6/23/2016
55
Tantalum Through-Hole Capacitors – Hermetically Sealed
T551 Axial Polymer Hermetic Seal (PHS) 125ºC Series
Dimensions – Inches (Millimeters)
SIDE VIEW
END VIEW
L
B
1.50 ±0.250
(38.10 ±6.35)
D
+
C
1.50 ±0.250
(38.10 ±6.35)
0.094 (2.39) Maximum
Case Code
Case Size
Uninsulated Case
Insulated Case
MIL-PRF-39006
L
±0.031 (0.79)
D
+0.016 (0.41)
-0.015 (0.38)
M
±0.002 (0.05)
J
max
D
+0.016 (0.41)
-0.015 (0.38)
L
± 0.031 (0.79)
B
T2
0.650 (16.51)
0.279 (7.09)
0.025 (0.64)
0.822 (20.88)
0.289 (7.34)
0.686 (17.42)
Table 1 – Ratings & Part Number Reference
Rated
Voltage
Rated
Capacitance
Case Size KEMET Part Number
DC
Leakage
DF
Maximum
ESR
Ripple
Current
(V) 85ºC
µF
KEMET/EIA
(See below for part options)
µA at 25°C Maximum/5
Minutes
% at 25ºC
120 Hz Max
mΩ at 25ºC
100 kHz
mArms at
85ºC/40 kHz
6
140
B
T551B147(1)006A(2)
6.3
5.0
120
1510
6
820
B
T551B827(1)006A(2)
36.9
5.0
90
1750
8
220
B
T551B227(1)008A(2)
13.2
5.0
120
1510
8
680
B
T551B687(1)008A(2)
40.8
5.0
90
1750
10
100
B
T551B107(1)010A(2)
7.5
5.0
140
1400
10
180
B
T551B187(1)010A(2)
13.5
5.0
110
1580
10
560
B
T551B567(1)010A(2)
42.0
5.0
90
1750
15
70
B
T551B706(1)015A(2)
7.9
5.0
140
1400
15
120
B
T551B127(1)015A(2)
13.5
5.0
110
1580
15
390
B
T551B397(1)015A(2)
43.9
5.0
90
1750
25
50
B
T551B506(1)025A(2)
9.4
5.0
170
1275
25
100
B
T551B107(1)025A(2)
18.8
5.0
190
1200
30
40
B
T551B406(1)030A(2)
9.0
5.0
170
1275
30
68
B
T551B686(1)030A(2)
15.3
5.0
140
1400
40
100
B
T551B107(1)040A(2)
30.0
5.0
150
1350
40
120
B
T551B127(1)040A(2)
36.0
5.0
120
1510
50
25
B
T551B256(1)050A(2)
9.4
5.0
170
1275
50
47
B
T551B476(1)050A(2)
17.6
5.0
150
1350
50
100
B
T551B107(1)050A(2)
37.5
5.0
130
1450
50
120
B
T551B127(1)050A(2)
45.0
5.0
90
1750
60
20
B
T551B206(1)060A(2)
9.0
5.0
200
1175
60
39
B
T551B396(1)060A(2)
17.6
5.0
160
1310
60
100
B
T551B107(1)060A(2)
45.0
5.0
100
1660
(1) To complete KEMET part number, insert M for ±20% or K for ±10%. Designates capacitance tolerance.
(2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, H = Standard Solder coated (SnPb 5% Pb minimum). Designates termination finish.
Refer to Ordering Information for additional detail.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will be marked
with the higher voltage rating.


Similar Part No. - T551B107K025AT4251

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T551B756K075AH KEMET-T551B756K075AH Datasheet
85Kb / 1P
   T551, Tantalum, Polymer Tantalum, HRA, 75 uF, 10%, 75 VDC, 110 mOhms
T551B756M075AH KEMET-T551B756M075AH Datasheet
79Kb / 1P
   T551, Tantalum, Polymer Tantalum, HRA, 75 uF, 20%, 75 VDC, 110 mOhms
More results

Similar Description - T551B107K025AT4251

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T550B107M025AT4251 KEMET-T550B107M025AT4251 Datasheet
1Mb / 12P
   Includes F-Tech anode which eliminates hidden defects
logo
Asahi Kasei Microsystem...
AKD4184-A AKM-AKD4184-A Datasheet
548Kb / 24P
   Analog I/F IC which includes 4-wire resistive Touch Screen Controller
logo
List of Unclassifed Man...
VS1053 ETC2-VS1053 Datasheet
537Kb / 2P
   It includes a stereo MP3 decoder chip VS1053 which can decode multiple formats
logo
Synaptics Incorporated.
CX20672 CONEXANT-CX20672 Datasheet
672Kb / 2P
   Capless headphone eliminates BOM
logo
Pasternack Enterprises,...
PE5CK1001 PASTERNACK-PE5CK1001 Datasheet
1Mb / 17P
   Standard kit includes
logo
List of Unclassifed Man...
MHD45PK25-K ETC2-MHD45PK25-K Datasheet
155Kb / 1P
   BACKSHELL KIT INCLUDES
logo
Pasternack Enterprises,...
PE5CK1000 PASTERNACK-PE5CK1000 Datasheet
1Mb / 20P
   Standard kit includes
logo
Maxim Integrated Produc...
MAX17244 MAXIM-MAX17244 Datasheet
1Mb / 18P
   Eliminates External Components and Reduces
Rev 0; 4/16
MAX5079EVKIT MAXIM-MAX5079EVKIT Datasheet
189Kb / 10P
   Eliminates ORing Diode Power Dissipation
Rev 0; 5/05
MAX8555AEVKIT MAXIM-MAX8555AEVKIT Datasheet
353Kb / 10P
   Eliminates ORing Diode Power Dissipation
Rev 0; 2/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com