Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74AC251M96 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC251M96
Description  8-Input Multiplexer, Three-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74AC251M96 Datasheet(HTML) 5 Page - Texas Instruments

  CD74AC251M96 Datasheet HTML 1Page - Texas Instruments CD74AC251M96 Datasheet HTML 2Page - Texas Instruments CD74AC251M96 Datasheet HTML 3Page - Texas Instruments CD74AC251M96 Datasheet HTML 4Page - Texas Instruments CD74AC251M96 Datasheet HTML 5Page - Texas Instruments CD74AC251M96 Datasheet HTML 6Page - Texas Instruments CD74AC251M96 Datasheet HTML 7Page - Texas Instruments CD74AC251M96 Datasheet HTML 8Page - Texas Instruments CD74AC251M96 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
ACT Input Load Table
INPUT
UNIT LOAD
S0, S1, S3
1
OE
1
I0 - I7
1
NOTE: Unit load is
∆ICC limit specified in DC Electrical Specifications
Table, e.g., 2.4mA max at 25oC.
Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case)
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
AC TYPES
Propagation Delay,
Data to Y Output
tPLH, tPHL
1.5
-
-
153
-
-
169
ns
3.3
(Note 9)
4.9
-
17.2
4.7
-
18.9
ns
5
(Note 10)
3.5
-
12.3
3.4
-
13.5
ns
Propagation Delay,
Data to Y Output
tPLH, tPHL
1.5
-
-
169
-
-
186
ns
3.3
5.4
-
19
5.2
-
20.9
ns
5
3.8
-
13.5
3.7
-
14.9
ns
Propagation Delay,
Select to Y Output
tPLH, tPHL
1.5
-
-
207
-
-
228
ns
3.3
6.6
-
23.2
6.4
-
25.5
ns
5
4.7
-
16.5
4.6
-
18.2
ns
Propagation Delay,
Select to Y Output
tPLH, tPHL
1.5
-
-
223
-
-
245
ns
3.3
7.1
-
24.9
6.9
-
27.4
ns
5
5.1
-
17.8
4.9
-
19.6
ns
Propagation Delay,
Output Enable and Output
Disable to Output
tPZH, tPZL,
tPHZ, tPLZ
1.5
-
-
155
-
-
169
ns
3.3
5.2
-
18.7
5.1
-
20.3
ns
5
3.5
-
12.3
3.4
-
13.5
ns
Three-State Output
Capacitance
CO
-
-
-15-
-15
pF
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 11)
-
-
120
-
-
120
-
pF
ACT TYPES
Propagation Delay,
Data to Y Output
tPLH, tPHL
5
(Note 10)
3.5
-
12.3
3.4
-
13.5
ns
Propagation Delay,
Data to Y Output
tPLH, tPHL
5
3.8
-
13.5
3.7
-
14.9
ns
Propagation Delay,
Select to Y Output
tPLH, tPHL
5
4.7
-
16.5
4.6
-
18.2
ns
Propagation Delay,
Select to Y Output
tPLH, tPHL
5
5.1
-
17.8
4.9
-
19.6
ns
Propagation Delay,
Output Enable and Output
Disable to Output
tPZH, tPZL,
tPHZ, tPLZ
5
3.5
-
12.3
3.4
-
13.5
ns
CD74AC251, CD74ACT251


Similar Part No. - CD74AC251M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC251M TI-CD74AC251M Datasheet
38Kb / 8P
[Old version datasheet]   8-Input Multiplexer, Three-State
More results

Similar Description - CD74AC251M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC251 TI-CD74AC251 Datasheet
38Kb / 8P
[Old version datasheet]   8-Input Multiplexer, Three-State
CD54HCT251 TI-CD54HCT251 Datasheet
271Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer, Three-State
CD54HC251 TI1-CD54HC251_14 Datasheet
463Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer, Three-State
CD74HC251 TI-CD74HC251 Datasheet
37Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 8-Input Multiplexer; Three-State
CD74AC253 TI-CD74AC253 Datasheet
37Kb / 7P
[Old version datasheet]   Dual 4-Input Multiplexer, Three-State
CD74AC253 TI-CD74AC253_08 Datasheet
569Kb / 16P
[Old version datasheet]   Dual 4-Input Multiplexer, Three-State
CD74AC253 TI-CD74AC253_07 Datasheet
428Kb / 15P
[Old version datasheet]   Dual 4-Input Multiplexer, Three-State
logo
Nexperia B.V. All right...
74HCT251 NEXPERIA-74HCT251 Datasheet
263Kb / 16P
   8-input multiplexer; 3-state
Rev. 6 - 8 February 2021
logo
Texas Instruments
CD74HCT356 TI-CD74HCT356 Datasheet
235Kb / 8P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer/Register, Three-State
logo
NXP Semiconductors
74LV251 PHILIPS-74LV251 Datasheet
116Kb / 12P
   8-input multiplexer 3-State
1998 May 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com