Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

78L00A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

Part No. 78L00A
Description  Three-Terminal Low Current Positive Voltage Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

78L00A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 7 page
background image
78L00AC Series
PLANETA JSC, 2/13 Fedorovsky Ruchei, Veliky Novgorod, 173004, Russia
Ph./Fax: +7–816–2231736
E-mail: planeta@novgorod.net
© August 2001 Rev 1
http://www.novgorod.net/~planeta
3
78L05AC ELECTRICAL CHARACTERISTICS
(V
I = 10 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, TA = 25 °C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage
V
O
4.8
5.0
5.2
V
Output Voltage,
7.0V < V
I < 20.0V, 1mA < IO <
40mA
V
O
4.75
5.25
V
Line Regulation,
7.0V < V
I < 20.0V
150
mV
Load Regulation,
1mA < I
O < 100mA
1mA < I
O <
40mA
60
30
mV
Input Bias Current
I
IB
6
mA
Input Bias Current,
8.0V < V
I < 20.0V, 1mA < IO <
40mA
∆∆I
IB
1.5
mA
Ripple Rejection,
8.0V < V
I < 18.0V, IO=40mA, f=120Hz
RR
41
dB
Dropout Voltage
V
I – VO
1.7
V
78L06AC ELECTRICAL CHARACTERISTICS
(V
I = 12 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, TA = 25 °C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage
V
O
5.75
6.0
6.25
V
Output Voltage,
8.5V < V
I < 20.0V, 1mA < IO <
40mA
V
O
5.7
6.3
V
Line Regulation,
8.5V < V
I < 20.0V
175
mV
Load Regulation,
1mA < I
O < 100mA
1mA < I
O <
40mA
80
40
mV
Input Bias Current
I
IB
6
mA
Input Bias Current,
9.0V < V
I < 20.0V, 1mA < IO <
40mA
∆∆I
IB
1.5
mA
Ripple Rejection,
10.0V < V
I < 20.0V, IO=40mA, f=120Hz
RR
40
dB
Dropout Voltage
V
I – VO
1.7
V


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn