Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

78L00A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

Part No. 78L00A
Description  Three-Terminal Low Current Positive Voltage Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

78L00A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 7 page
background image
78L00AC Series
Ph./Fax: +7–816–2231736
PLANETA JSC, 2/13 Fedorovsky Ruchei, Veliky Novgorod, 173004, Russia
E-mail: planeta@novgorod.net
http://www.novgorod.net/~planeta
© August 2001 Rev 1
2
ABSOLUTE MAXIMUM RATINGS (T
A = 25 °C)
Rating
Symbol
Value
Unit
Input Voltage
V
O = 5 V to 9 V
V
O = 12 V to 15 V
V
I
30
35
V
Output Current
I
O
100
mA
Maximum Power Dissipation
Case KT-26 (TO-92) Z Suffix
Case KT-47 (SOT-89) F Suffix
Case 4303.8-1 (SO-8) D Suffix
P
D
500
350
500
mW
Junction Temperature
T
JMAX
150
°C
Operating Junction Temperature Range
T
OPR
-30 to +85
°C
Storage Temperature Range
T
STG
-40 to +150
°C
ORDERING INFORMATION
Device
Marking
Package
Quantity
Packing Style
78LXXACZ*
78LXXACZ*
SOT-54
1 Kpcs / plastic bags /
carton box
In bulk
78LXXACF*
8LXX*
SOT-89
5 Kpcs / plastic bags /
carton box
In bulk
78LXXACF-T1*
8LXX*
SOT-89
1 Kpcs / Reel
Embossed tape 12-mm wide 7'' dia.
Pin 2 (Common) towards the windung.
Perforation on the right.
78LXXACD*
78LXXACD* SO-8
5 Kpcs / plastic bags /
carton box
In bulk
78LXXACD-R1* 78LXXACD* SO-8
500 pcs / Reel
Embossed tape 12-mm wide 7'' dia.
Pin 1 (Output) face to perforation side
of the tape.
78LXXACD-R2* 78LXXACD* SO-8
2.5 Kpcs / Reel
Embossed tape 12-mm wide 13'' dia.
Pin 1 (Output) face to perforation side
of the tape.
Note 1:
XX indicates nominal voltage
*Available in 5, 6, 8, 9, 12 and 15 V devices.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn