Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R46KR210000N0M Datasheet(PDF) 9 Page - Kemet Corporation

Part # R46KR210000N0M
Description  Metallized Polypropylene Film EMI Suppression Capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R46KR210000N0M Datasheet(HTML) 9 Page - Kemet Corporation

Back Button R46KR210000N0M Datasheet HTML 5Page - Kemet Corporation R46KR210000N0M Datasheet HTML 6Page - Kemet Corporation R46KR210000N0M Datasheet HTML 7Page - Kemet Corporation R46KR210000N0M Datasheet HTML 8Page - Kemet Corporation R46KR210000N0M Datasheet HTML 9Page - Kemet Corporation R46KR210000N0M Datasheet HTML 10Page - Kemet Corporation R46KR210000N0M Datasheet HTML 11Page - Kemet Corporation R46KR210000N0M Datasheet HTML 12Page - Kemet Corporation R46KR210000N0M Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3093_R46_X2_275_110C • 6/9/2016
9
Metallized Polypropylene Film EMI Suppression Capacitors
R46 Series, Class X2, 275 VAC, 110ºC
Manual Soldering Recommendations
Following is the recommendation for manual
soldering with a soldering iron.
The soldering iron tip temperature should be set
at350°C(+10°Cmaximum)withthesoldering
duration not to exceed more than 3 seconds.
Recommended Soldering Temperature
0
50
100
150
200
250
300
350
400
0
1
2
3
4
5
6
7
8
Soldering time (sec)
Soldering Process
The implementation of the RoHS directive has resulted in the selection of SnAgCu (SAC) alloys or SnCu alloys as primary solder. This has
increased the liquidus temperature from that of 183ºC for SnPb eutectic alloy to 217 – 221ºC for the new alloys. As a result, the heat stress
to the components, even in wave soldering, has increased considerably due to higher pre-heat and wave temperatures. Polypropylene
capacitors are especially sensitive to heat (the melting point of polypropylene is 160 – 170ºC). Wave soldering can be destructive, especially
for mechanically small polypropylene capacitors (with lead spacing of 5 mm to 15 mm), and great care has to be taken during soldering. The
recommendedsolderprofilesfromKEMETshouldbeused.PleaseconsultKEMETwithanyquestions.Ingeneral,thewavesolderingcurve
from IEC Publication 61760-1 Edition 2 serves as a solid guideline for successful soldering. Please see Figure 1.
Reflowsolderingisnotrecommendedforthrough-holefilmcapacitors.Exposingcapacitorstoasolderingprofileinexcessoftheabovethe
recommended limits may result to degradation or permanent damage to the capacitors.
Do not place the polypropylene capacitor through an adhesive curing oven to cure resin for surface mount components. Insert through-
holepartsafterthecuringofsurfacemountparts.ConsultKEMETtodiscusstheactualtemperatureprofileintheoven,ifthrough-hole
components must pass through the adhesive curing process. A maximum two soldering cycles is recommended. Please allow time for the
capacitor surface temperature to return to a normal temperature before the second soldering cycle.
Wave Soldering Recommendations
0
50
100
150
200
250
300
0
40
80
120
160
200
240
Time (s)
ca 2°C/s
ca 3.5°C/s typical
ca 5°C/s
Cooling
2+3s max
115°C max
Tpreheat
ΔT <150°C
100°C
Preheating
Typical
First wave
Second wave
260°C


Similar Part No. - R46KR210000N0M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KR34700001K KEMET-R46KR34700001K Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 0.47 uF, 10%, 560 V, 275 V, 110C, Lead Spacing = 27.5mm
R46KR347000P0K KEMET-R46KR347000P0K Datasheet
1Mb / 17P
   R46 (Miniature) Series, Class X2, 275 VAC
R46KR347000P0M KEMET-R46KR347000P0M Datasheet
1Mb / 17P
   R46 (Miniature) Series, Class X2, 275 VAC
R46KR347000P1K KEMET-R46KR347000P1K Datasheet
1Mb / 17P
   R46 (Miniature) Series, Class X2, 275 VAC
R46KR347000P1M KEMET-R46KR347000P1M Datasheet
1Mb / 17P
   R46 (Miniature) Series, Class X2, 275 VAC
More results

Similar Description - R46KR210000N0M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE844RD6100MR06L2 KEMET-PHE844RD6100MR06L2 Datasheet
1Mb / 14P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463N31500001M KEMET-R463N31500001M_16 Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R474I210000A1M KEMET-R474I210000A1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I233000M1M KEMET-R413I233000M1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I22200000M KEMET-R413I22200000M Datasheet
3Mb / 16P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46 KEMET-R46_V01 Datasheet
2Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
10/31/2022
R46KR410000M1M KEMET-R46KR410000M1M Datasheet
564Kb / 13P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463W515050H7M KEMET-R463W515050H7M Datasheet
901Kb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
1/13/2022
R474F14700001M KEMET-R474F14700001M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R475I21000001M KEMET-R475I21000001M Datasheet
3Mb / 15P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com