Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4514BM Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CD4514BM
Description  Cmos 4-Bit Latch/4-to-16 Line Decoders
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4514BM Datasheet(HTML) 10 Page - Texas Instruments

Back Button CD4514BM Datasheet HTML 6Page - Texas Instruments CD4514BM Datasheet HTML 7Page - Texas Instruments CD4514BM Datasheet HTML 8Page - Texas Instruments CD4514BM Datasheet HTML 9Page - Texas Instruments CD4514BM Datasheet HTML 10Page - Texas Instruments CD4514BM Datasheet HTML 11Page - Texas Instruments CD4514BM Datasheet HTML 12Page - Texas Instruments CD4514BM Datasheet HTML 13Page - Texas Instruments CD4514BM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MECHANICAL DATA
MPDI008 – OCTOBER 1994
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
N (R-PDIP-T**)
PLASTIC DUAL-IN-LINE PACKAGE
24 PIN SHOWN
12
Seating Plane
0.560 (14,22)
0.520 (13,21)
13
0.610 (15,49)
0.590 (14,99)
52
48
40
0.125 (3,18) MIN
2.390
(60,71)
(62,23)
(53,09)
(51,82)
2.040
2.090
2.450
2.650
(67,31)
(65,79)
2.590
0.010 (0,25) NOM
4040053 / B 04/95
A
0.060 (1,52) TYP
1
24
32
28
24
1.230
(31,24)
(32,26)
(36,83)
(35,81)
1.410
1.450
1.270
PINS **
DIM
0.015 (0,38)
0.021 (0,53)
A MIN
A MAX
1.650
(41,91)
(40,89)
1.610
0.020 (0,51) MIN
0.200 (5,08) MAX
0.100 (2,54)
M
0.010 (0,25)
0
°–15°
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Falls within JEDEC MS-011
D. Falls within JEDEC MS-015 (32 pin only)


Similar Part No. - CD4514BM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4514BM TI-CD4514BM Datasheet
222Kb / 12P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
logo
National Semiconductor ...
CD4514BM NSC-CD4514BM Datasheet
135Kb / 6P
   4-Bit Latched/4-to-16 Line Decoders
logo
Texas Instruments
CD4514BM TI1-CD4514BM Datasheet
995Kb / 15P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
CD4514BM TI-CD4514BM Datasheet
978Kb / 15P
[Old version datasheet]   CMOS 4-Bit Latch 4-to-16 Line Decoders
CD4514BM96 TI-CD4514BM96 Datasheet
222Kb / 12P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
More results

Similar Description - CD4514BM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4514BMS INTERSIL-CD4514BMS_06 Datasheet
340Kb / 9P
   CMOS 4-Bit Latch/4-to-16 Line Decoders
logo
Texas Instruments
CD4514BM96G4 TI-CD4514BM96G4 Datasheet
978Kb / 15P
[Old version datasheet]   CMOS 4-Bit Latch 4-to-16 Line Decoders
CD4514BM96G4 TI1-CD4514BM96G4 Datasheet
995Kb / 15P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
logo
Intersil Corporation
CD4514BMS INTERSIL-CD4514BMS Datasheet
92Kb / 9P
   CMOS 4-Bit Latch/4-to-16 Line Decoders
December 1992
logo
Texas Instruments
CD4514B TI-CD4514B Datasheet
222Kb / 12P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
logo
List of Unclassifed Man...
SCL4515B ETC1-SCL4515B Datasheet
2Mb / 3P
   CMOS 4-TO-16 LINE DECODERS WITH LATCH
logo
Fairchild Semiconductor
CD4514BC FAIRCHILD-CD4514BC_04 Datasheet
235Kb / 8P
   4-Bit Latched/4-to-16 Line Decoders
logo
National Semiconductor ...
CD4514BM NSC-CD4514BM Datasheet
135Kb / 6P
   4-Bit Latched/4-to-16 Line Decoders
logo
Fairchild Semiconductor
CD4514BC FAIRCHILD-CD4514BC Datasheet
84Kb / 8P
   4-Bit Latched/4-to-16 Line Decoders
logo
Hitachi Semiconductor
HD74AC4514 HITACHI-HD74AC4514 Datasheet
48Kb / 8P
   4-bit Latch/4-to-16-Line Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com