Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4541BM Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CD4541BM
Description  CMOS Programmable Timer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4541BM Datasheet(HTML) 4 Page - Texas Instruments

  CD4541BM Datasheet HTML 1Page - Texas Instruments CD4541BM Datasheet HTML 2Page - Texas Instruments CD4541BM Datasheet HTML 3Page - Texas Instruments CD4541BM Datasheet HTML 4Page - Texas Instruments CD4541BM Datasheet HTML 5Page - Texas Instruments CD4541BM Datasheet HTML 6Page - Texas Instruments CD4541BM Datasheet HTML 7Page - Texas Instruments CD4541BM Datasheet HTML 8Page - Texas Instruments CD4541BM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
Input High Voltage,
VIH (Min)
0.5, 4.5
-
5
-
3.5
3.5
-
-
V
1, 9
-
10
-
7
7
-
-
V
1.5, 13.5
-
15
-
11
11
-
-
V
Input Current, lIN (Max)
-
0, 18
18
±0.1
±0.1
±1
±1-
±10-5
±0.1
μA
NOTE:
2. With AUTO RESET enabled, additional current drain at 25oC is:
7
μA (Typ), 200μA (Max) at 5V;
30
μA (Typ), 350μA (Max) at 10V;
80
μA (Typ), 500μA (Max) at 15V
Dynamic Electrical Specifications TA = 25oC, Input tr, tf = 20ns, CL = 50pF, RL = 200kΩ
PARAMETER
SYMBOL
VDD (V)
MIN
TYP
MAX
UNITS
Propagation Delay Times
Clock to Q
(28) tPHL, tPLH
5
-
3.5
10.5
μs
10
-
1.25
3.8
μs
15
-
0.9
2.9
μs
(216) tPHL, tPLH
5-
6.0
18
μs
10
-
3.5
10
μs
15
-
2.5
7.5
μs
Transition Time
tTHL
5
-
100
200
ns
10
-
50
100
ns
15
-
40
80
ns
tTHL
5
-
180
360
ns
10
-
90
180
ns
15
-
65
130
ns
MASTER RESET, CLOCK
Pulse Width
5
900
300
-
ns
10
300
100
-
ns
15
225
85
-
ns
Maximum Clock Pulse Input
Frequency
fCL
5
-
1.5
-
MHz
10
-
4
-
MHz
15
-
6
-
MHz
Maximum Clock Pulse Input
Rise or Fall time
tr,tf
5, 10, 15
Unlimited
μs
Electrical Specifications (Continued)
PARAMETER
CONDITIONS
LIMITS AT INDICATED TEMPERATURES (oC)
UNITS
VO
(V)
VIN
(V)
VDD
(V)
-55
-40
85
125
25
MIN
TYP
MAX
CD4541B


Similar Part No. - CD4541BM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4541BM TI-CD4541BM Datasheet
93Kb / 9P
[Old version datasheet]   CMOS PROGRAMMABLE TIMER HIGH VOLTAGE TYPES(20V RATING)
logo
National Semiconductor ...
CD4541BM NSC-CD4541BM Datasheet
137Kb / 6P
   Programmable Timer
logo
Harris Corporation
CD4541BM HARRIS-CD4541BM Datasheet
78Kb / 8P
   CMOS Programmable Timer High Voltage Types (20V Rating)
logo
Texas Instruments
CD4541BM TI-CD4541BM Datasheet
574Kb / 15P
[Old version datasheet]   CMOS Programmable Timer High Voltage Types(20V Rating)
CD4541BM TI-CD4541BM Datasheet
671Kb / 17P
[Old version datasheet]   CMOS Programmable Timer High Voltage Types (20V Rating)
More results

Similar Description - CD4541BM

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
   CMOS Programmable Timer
logo
Texas Instruments
CD4536B TI1-CD4536B_15 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Programmable Timer
CD4536BE TI-CD4536BE Datasheet
1Mb / 21P
[Old version datasheet]   CMOS Programmable Timer
CD4536B TI-CD4536B Datasheet
415Kb / 9P
[Old version datasheet]   CMOS PROGRAMMABLE TIMER
logo
Intersil Corporation
CD4536BMS INTERSIL-CD4536BMS Datasheet
147Kb / 13P
   CMOS Programmable Timer
December 1992
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Intersil Corporation
82C54 INTERSIL-82C54_05 Datasheet
386Kb / 22P
   CMOS Programmable Intervel Timer
CS82C54-10Z96 INTERSIL-CS82C54-10Z96 Datasheet
426Kb / 22P
   CMOS Programmable Interval Timer
logo
Unisonic Technologies
CD4541 UTC-CD4541 Datasheet
73Kb / 7P
   PROGRAMMABLE TIMER CMOS IC
logo
Renesas Technology Corp
82C54 RENESAS-82C54 Datasheet
679Kb / 23P
   CMOS Programmable Interval Timer
Sep 15, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com