Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R46KW210000N1M Datasheet(PDF) 6 Page - Kemet Corporation

Part # R46KW210000N1M
Description  Metallized Polypropylene Film EMI Suppression Capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R46KW210000N1M Datasheet(HTML) 6 Page - Kemet Corporation

Back Button R46KW210000N1M Datasheet HTML 2Page - Kemet Corporation R46KW210000N1M Datasheet HTML 3Page - Kemet Corporation R46KW210000N1M Datasheet HTML 4Page - Kemet Corporation R46KW210000N1M Datasheet HTML 5Page - Kemet Corporation R46KW210000N1M Datasheet HTML 6Page - Kemet Corporation R46KW210000N1M Datasheet HTML 7Page - Kemet Corporation R46KW210000N1M Datasheet HTML 8Page - Kemet Corporation R46KW210000N1M Datasheet HTML 9Page - Kemet Corporation R46KW210000N1M Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3093_R46_X2_275_110C • 6/9/2016
6
Metallized Polypropylene Film EMI Suppression Capacitors
R46 Series, Class X2, 275 VAC, 110ºC
Performance Characteristics cont'd
* Typical value
Impedance Graph
DissipationFactor(tanδ)
≤0.1%(0.06%*)@1kHz,+25°C±5°C(*typicalvalue)
Test Voltage Between Terminals
The 100% screening factory test is carried out at 2,200 VDC/1,500 VAC. The voltage level is selected to meet the
requirements in applicable equipment standards. All electrical characteristics are checked after the test. It is not
permitted to repeat this test as there is a risk to damage the capacitor. KEMET is not liable in such case for any failures.
Insulation Resistance
Measuredat+25°C±5°C,accordingtoIEC60384–2
Minimum Values Between Terminals
Voltage Charge
Voltage Charge Time
C≤0.33μF
C>0.33μF
100 VDC
1 minute
≥1•105
(≥5•105MΩ)*
≥30,000MΩ•µF
(≥150,000MΩ•µF)*
In DC Applications
Recommendedvoltage≤560VDC


Similar Part No. - R46KW210000N1M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KW347000P0K KEMET-R46KW347000P0K Datasheet
1Mb / 17P
   R46 (Miniature) Series, Class X2, 275 VAC
R46KW347000P0M KEMET-R46KW347000P0M Datasheet
1Mb / 17P
   R46 (Miniature) Series, Class X2, 275 VAC
R46KW347000P1K KEMET-R46KW347000P1K Datasheet
1Mb / 17P
   R46 (Miniature) Series, Class X2, 275 VAC
R46KW347000P1M KEMET-R46KW347000P1M Datasheet
1Mb / 17P
   R46 (Miniature) Series, Class X2, 275 VAC
R46KW347000P2K KEMET-R46KW347000P2K Datasheet
1Mb / 17P
   R46 (Miniature) Series, Class X2, 275 VAC
More results

Similar Description - R46KW210000N1M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE844RD6100MR06L2 KEMET-PHE844RD6100MR06L2 Datasheet
1Mb / 14P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463N31500001M KEMET-R463N31500001M_16 Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R474I210000A1M KEMET-R474I210000A1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I233000M1M KEMET-R413I233000M1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I22200000M KEMET-R413I22200000M Datasheet
3Mb / 16P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46 KEMET-R46_V01 Datasheet
2Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
10/31/2022
R46KR410000M1M KEMET-R46KR410000M1M Datasheet
564Kb / 13P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463W515050H7M KEMET-R463W515050H7M Datasheet
901Kb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
1/13/2022
R474F14700001M KEMET-R474F14700001M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R475I21000001M KEMET-R475I21000001M Datasheet
3Mb / 15P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com