Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HCT4520EE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74HCT4520EE4
Description  High-Speed CMOS Logic Dual Synchronous Counters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HCT4520EE4 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HCT4520EE4 Datasheet HTML 1Page - Texas Instruments CD74HCT4520EE4 Datasheet HTML 2Page - Texas Instruments CD74HCT4520EE4 Datasheet HTML 3Page - Texas Instruments CD74HCT4520EE4 Datasheet HTML 4Page - Texas Instruments CD74HCT4520EE4 Datasheet HTML 5Page - Texas Instruments CD74HCT4520EE4 Datasheet HTML 6Page - Texas Instruments CD74HCT4520EE4 Datasheet HTML 7Page - Texas Instruments CD74HCT4520EE4 Datasheet HTML 8Page - Texas Instruments CD74HCT4520EE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS216D
Features
• Positive or Negative Edge Triggering
• Synchronous Internal Carry Propagation
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The CD74HC4518 is a dual BCD up-counter. The ’HC4520
and CD74HCT4520 are dual binary up-counters. Each
device consists of two independent internally synchronous
4-stage counters. The counter stages are D-type flip-flops
having interchangeable CLOCK and ENABLE lines for
incrementing on either the positive-going or the negative-
going transition of CLOCK. The counters are cleared by high
levels on the MASTER RESET lines. The counter can be
cascaded in the ripple mode by connecting Q3 to the
ENABLE input of the subsequent counter while the CLOCK
input of the latter is held low.
Pinout
CD54HC4520
(CERDIP)
CD74HC4518
(PDIP)
CD74HC4520, CD74HCT4520,
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC4520F3A
-55 to 125
16 Ld CERDIP
CD74HC4518E
-55 to 125
16 Ld PDIP
CD74HC4520E
-55 to 125
16 Ld PDIP
CD74HC4520M
-55 to 125
16 Ld SOIC
CD74HC4520MT
-55 to 125
16 Ld SOIC
CD74HC4520M96
-55 to 125
16 Ld SOIC
CD74HCT4520E
-55 to 125
16 Ld PDIP
CD74HCT4520M
-55 to 125
16 Ld SOIC
CD74HCT4520MT
-55 to 125
16 Ld SOIC
CD74HCT4520M96
-55 to 125
16 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel
of 250.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
1CP
1E
1Q0
1Q1
1Q2
1Q3
GND
1MR
VCC
2Q3
2Q2
2Q1
2Q0
2E
2CP
2MR
November 1997 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD74HC4518, CD54HC4520,
CD74HC4520, CD74HCT4520
High-Speed CMOS Logic
Dual Synchronous Counters
[ /Title
(CD74
HC451
8,
CD74
HC452
0,
CD74
HCT45
20)
/Sub-
ject


Similar Part No. - CD74HCT4520EE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT4520EE4 TI-CD74HCT4520EE4 Datasheet
280Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual Synchronous Counters
More results

Similar Description - CD74HCT4520EE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC4520 TI-CD54HC4520 Datasheet
280Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual Synchronous Counters
CD74HC4518 TI-CD74HC4518 Datasheet
45Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Dual Synchronous Counters
CD54HC40103 TI-CD54HC40103_08 Datasheet
454Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI-CD54HC40103_03 Datasheet
158Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI-CD54HC40103 Datasheet
279Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI-CD54HC40103_07 Datasheet
424Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC40103 TI-CD74HC40103 Datasheet
45Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC161 TI-CD74HC161 Datasheet
65Kb / 10P
[Old version datasheet]   High Speed CMOS Logic Presettable Counters
CD54HCT161 TI-CD54HCT161_08 Datasheet
434Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic Presettable Counters
CD54HCT161 TI-CD54HCT161 Datasheet
285Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Presettable Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com