Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8801 Datasheet(PDF) 10 Page - Texas Instruments

Part # DAC8801
Description  14-Bit, Serial Input Multiplying Digital-to-Analog Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8801 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC8801_16 Datasheet HTML 6Page - Texas Instruments DAC8801_16 Datasheet HTML 7Page - Texas Instruments DAC8801_16 Datasheet HTML 8Page - Texas Instruments DAC8801_16 Datasheet HTML 9Page - Texas Instruments DAC8801_16 Datasheet HTML 10Page - Texas Instruments DAC8801_16 Datasheet HTML 11Page - Texas Instruments DAC8801_16 Datasheet HTML 12Page - Texas Instruments DAC8801_16 Datasheet HTML 13Page - Texas Instruments DAC8801_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
www.ti.com
APPLICATION INFORMATION
Stability Circuit
_
+
VDD
RFB
IOUT
GND
U1
VDD
VREF
VOUT
C1
U2
VREF
Positive Voltage Output Circuit
GND
OPA277
−2.5 V
GND
0 3 VOUT 3 +2.5 V
VOUT
IOUT
OPA277
C1
RFB
DAC8801
VDD
VDD
+2.5V Reference
VIN
VOUT
VREF
+
+
DAC8801
SLAS403B – NOVEMBER 2004 – REVISED FEBRUARY 2007
For a current-to-voltage design as shown in Figure 20, the DAC8801 current output (IOUT) and the connection
with the inverting node of the op amp should be as short as possible and according to correct PCB layout
design. For each code change there is a step function. If the GBP of the op amp is limited and parasitic
capacitance is excessive at the inverting node then gain peaking is possible. Therefore, for circuit stability, a
compensation capacitor C1 (4 pF to 20 pF typ) can be added to the design as shown in Figure 20.
Figure 20. Gain Peaking Prevention Circuit With Compensation Capacitor
As shown in Figure 21, in order to generate a positive voltage output, a negative reference is input to the
DAC8801. This design is suggested instead of using an inverting amp to invert the output due to tolerance
errors of the resistor. For a negative reference, VOUT and GND of the reference are level-shifted to a virtual
ground and a -2.5 V input to the DAC8801 with an op amp.
Figure 21. Positive Voltage Output Circuit
10
Submit Documentation Feedback


Similar Part No. - DAC8801_16

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8801IDGK BURR-BROWN-DAC8801IDGK Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8801IDGKR BURR-BROWN-DAC8801IDGKR Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8801IDGKT BURR-BROWN-DAC8801IDGKT Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8801IDRB BURR-BROWN-DAC8801IDRB Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8801IDRBR BURR-BROWN-DAC8801IDRBR Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results

Similar Description - DAC8801_16

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803_15 Datasheet
2Mb / 26P
[Old version datasheet]   Quad, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803 Datasheet
261Kb / 30P
[Old version datasheet]   Quad, Current Output, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com