Electronic Components Datasheet Search |
|
T520V157M003AME045 Datasheet(PDF) 8 Page - Kemet Corporation |
|
T520V157M003AME045 Datasheet(HTML) 8 Page - Kemet Corporation |
8 / 26 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com T2015_T520 • 10/13/2015 88 KEMET Organic Capacitor (KO-CAP®) – Industrial T520 Low ESR Polymer Electrolytic, 2 – 25 VDC Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current MSL Maximum Operating Temp VDC at 105°C µF KEMET/EIA (See below for part options) µA at 25°C Maximum/5 Minutes % at 25°C 120 Hz Maximum mΩ at 25°C 100 kHz Maximum mA at 45°C 100 kHz Reflow Temp ≤ 260ºC ºC 4 150 C/6032-28 T520C157M004A(1)E100 60 8 100 1300 3 105 4 150 V/7343-19 T520V157M004A(1)E007 60 10 7 5200 3 105 4 150 V/7343-19 T520V157M004A(1)E009 60 10 9 4600 3 105 4 150 V/7343-19 T520V157M004A(1)E012 60 10 12 3900 3 105 4 150 V/7343-19 T520V157M004A(1)E015 60 10 15 3500 3 105 4 150 V/7343-19 T520V157M004A(1)E025 60 10 25 2700 3 105 4 150 D/7343-31 T520D157M004A(1)E007 60 10 7 5700 3 105 4 220 B/3528-21 T520B227M004A(1)E035 88 8 35 1900 3 105 4 220 B/3528-21 T520B227M004A(1)E045 88 8 45 1700 3 105 4 220 B/3528-21 T520B227M004A(1)E070 88 8 70 1300 3 105 4 220 C/6032-28 T520C227M004A(1)E015 88 8 15 3300 3 105 4 220 C/6032-28 T520C227M004A(1)E018 88 8 18 3000 3 105 4 220 C/6032-28 T520C227M004A(1)E025 88 8 25 2600 3 105 4 220 C/6032-28 T520C227M004A(1)E045 88 8 45 1900 3 105 4 220 C/6032-28 T520C227M004A(1)E055 88 8 55 1700 3 105 4 220 L/6032-19 T520L227M004A(1)E012 88 8 12 3500 3 105 4 220 L/6032-19 T520L227M004A(1)E025 88 8 25 2400 3 105 4 220 W/7343-15 T520W227M004A(1)E025 88 10 25 2700 3 105 4 220 W/7343-15 T520W227M004A(1)E040 88 10 40 2100 3 105 4 220 V/7343-19 T520V227M004A(1)E006 88 10 6 5600 3 105 4 220 V/7343-19 T520V227M004A(1)E007 88 10 7 5200 3 105 4 220 V/7343-19 T520V227M004A(1)E009 88 10 9 4600 3 105 4 220 V/7343-19 T520V227M004A(1)E012 88 10 12 3900 3 105 4 220 V/7343-19 T520V227M004A(1)E015 88 10 15 3500 3 105 4 220 V/7343-19 T520V227M004A(1)E018 88 10 18 3200 3 105 4 220 V/7343-19 T520V227M004A(1)E025 88 10 25 2700 3 105 4 220 V/7343-19 T520V227M004A(1)E040 88 10 40 2200 3 105 4 220 V/7343-19 T520V227M004A(1)E045 88 10 45 2000 3 105 4 220 D/7343-31 T520D227M004A(1)E006 88 10 6 6100 3 105 4 220 D/7343-31 T520D227M004A(1)E007 88 10 7 5700 3 105 4 220 D/7343-31 T520D227M004A(1)E012 88 10 12 4300 3 105 4 220 D/7343-31 T520D227M004A(1)E065 88 10 65 1900 3 105 4 330 C/6032-28 T520C337M004A(1)E025 132 8 25 2600 3 105 4 330 C/6032-28 T520C337M004A(1)E045 132 8 45 1900 3 105 4 330 V/7343-19 T520V337M004A(1)E007 132 10 7 5200 3 105 4 330 V/7343-19 T520V337M004A(1)E009 132 10 9 4600 3 105 4 330 V/7343-19 T520V337M004A(1)E012 132 10 12 3900 3 105 4 330 V/7343-19 T520V337M004A(1)E018 132 10 18 3200 3 105 4 330 V/7343-19 T520V337M004A(1)E025 132 10 25 2700 3 105 4 330 V/7343-19 T520V337M004A(1)E040 132 10 40 2200 3 105 4 330 D/7343-31 T520D337M004A(1)E006 132 10 6 6100 3 105 4 330 D/7343-31 T520D337M004A(1)E007 132 10 7 5700 3 105 4 330 D/7343-31 T520D337M004A(1)E009 132 10 9 5000 3 105 4 330 D/7343-31 T520D337M004A(1)E012 132 10 12 4300 3 105 4 330 D/7343-31 T520D337M004A(1)E015 132 10 15 3900 3 105 4 330 D/7343-31 T520D337M004A(1)E040 132 10 40 2400 3 105 VDC at 105°C µF KEMET/EIA (See below for part options) µA at 25°C Maximum/5 Minutes % at 25°C 120 Hz Maximum mΩ at 25°C 100 kHz Maximum mA at 45°C 100 kHz Reflow Temp ≤ 260ºC ºC Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current MSL Maximum Operating Temp Table 1 – Ratings & Part Number Reference cont'd (1) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, H = Standard Solder coated (SnPb 5% Pb minimum), N = Non-Magnetic 100% Tin (Sn), M = Non-Magnetic (SnPb). Refer to Ordering Information for additional detail. Also available on large (13 inch) reels. Add 7280 to the end of the part number. Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitutions will be marked with the higher voltage rating. Substitutions can include better than series. * Part numbers with an asterisk are not recommended for new designs. Please use the T521 version of these part numbers. |
Similar Part No. - T520V157M003AME045 |
|
Similar Description - T520V157M003AME045 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |