Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T520U157M008AME045 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T520U157M008AME045
Description  High frequency capacitance retention
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T520U157M008AME045 Datasheet(HTML) 1 Page - Kemet Corporation

  T520U157M008AME045 Datasheet HTML 1Page - Kemet Corporation T520U157M008AME045 Datasheet HTML 2Page - Kemet Corporation T520U157M008AME045 Datasheet HTML 3Page - Kemet Corporation T520U157M008AME045 Datasheet HTML 4Page - Kemet Corporation T520U157M008AME045 Datasheet HTML 5Page - Kemet Corporation T520U157M008AME045 Datasheet HTML 6Page - Kemet Corporation T520U157M008AME045 Datasheet HTML 7Page - Kemet Corporation T520U157M008AME045 Datasheet HTML 8Page - Kemet Corporation T520U157M008AME045 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2015_T520 • 10/13/2015
1
One world. One KEMET
Benefits
• Extremely low ESR
• Volumetricallyefficient
• High frequency capacitance retention
• 100% accelerated steady state aging
• 100% surge current tested
• EIA standard case sizes
• Halogen-Free Epoxy/RoHS Compliant
KEMET Organic Capacitor (KO-CAP®) – Industrial
T520 Low ESR Polymer Electrolytic, 2 – 25 VDC
Overview
The KEMET Organic Capacitor (KO-CAP) is a solid electrolytic
capacitor with a conductive polymer cathode capable of
delivering very low ESR and improved capacitance retention at
high frequencies. KO-CAP combines the low ESR of multilayer
ceramic, the high capacitance of aluminum electrolytic and the
volumetricefficiencyoftantalumintoasinglesurfacemount
package. Unlike liquid electrolyte-based capacitors, KO-CAP has
a very long operational life and high ripple current capabilities.
The T520 Low ESR Polymer Electrolytic provides the widest range
of voltage, capacitance and case size options in the KO-CAP
family. Suitable for general purpose DC applications up to 12.8
volts, the T520 is ideal for DC-to-DC converters, bulk decoupling
and hold-up.
Applications
Typical applications include DC/DC converters, notebook PCs, portable electronics, telecommunications (mobile phone and base
station), displays, SSD, HDD and USB.
Environmental Compliance
RoHS Compliant (6/6) according to Directive 2002/95/EC when ordered with 100% Sn solder.
SPICE
Foradetailedanalysisofspecificpartnumbers,pleasevisitwww.kemet.comforafreedownloadofKEMET'sSPICEsoftware.
The KEMET SPICE program is freeware intended to aid design engineers in analyzing the performance of these capacitors over
frequency, temperature, ripple, and DC bias conditions.
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - T520U157M008AME045

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520U157M004AE055 KEMET-T520U157M004AE055 Datasheet
807Kb / 8P
   CONDUCTIVE POLYMER CHIP CAPACITORS
More results

Similar Description - T520U157M008AME045

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
1403 IET-1403 Datasheet
214Kb / 2P
   High frequency capacitance standards
August 2022
logo
Nichicon corporation
RHS NICHICON-RHS Datasheet
681Kb / 2P
   High Capacitance
RNE NICHICON-RNE Datasheet
678Kb / 2P
   High Capacitance
RSS NICHICON-RSS Datasheet
706Kb / 2P
   High Capacitance
logo
Rohm
MCH32 ROHM-MCH32 Datasheet
1Mb / 5P
   High capacitance
logo
Nichicon corporation
RFS NICHICON-RFS Datasheet
733Kb / 2P
   High Capacitance
RNU NICHICON-RNU Datasheet
699Kb / 2P
   High Capacitance
logo
American Accurate Compo...
UMSA04A03T1V1 AAC-UMSA04A03T1V1 Datasheet
59Kb / 1P
   UMS Ultra-Low Capacitance MAX Guard짰 ESD Suppressor (High Frequency Type)
UMSA24A03T1V1 AAC-UMSA24A03T1V1 Datasheet
66Kb / 1P
   Ultra-Low Capacitance MAX Guard ESD Suppressor Array (High Frequency Type)
logo
Fluke Corporation
115 FLUKE-115 Datasheet
1Mb / 2P
   Resistance, continuity, frequency, capacitance, and diode test
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com