Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T520X157M008AME045 Datasheet(PDF) 9 Page - Kemet Corporation

Part # T520X157M008AME045
Description  High frequency capacitance retention
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T520X157M008AME045 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button T520X157M008AME045 Datasheet HTML 5Page - Kemet Corporation T520X157M008AME045 Datasheet HTML 6Page - Kemet Corporation T520X157M008AME045 Datasheet HTML 7Page - Kemet Corporation T520X157M008AME045 Datasheet HTML 8Page - Kemet Corporation T520X157M008AME045 Datasheet HTML 9Page - Kemet Corporation T520X157M008AME045 Datasheet HTML 10Page - Kemet Corporation T520X157M008AME045 Datasheet HTML 11Page - Kemet Corporation T520X157M008AME045 Datasheet HTML 12Page - Kemet Corporation T520X157M008AME045 Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2015_T520 • 10/13/2015
99
KEMET Organic Capacitor (KO-CAP®) – Industrial
T520 Low ESR Polymer Electrolytic, 2 – 25 VDC
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum
Allowable
Ripple Current
MSL
Maximum
Operating
Temp
VDC at 105°C
µF
KEMET/EIA
(See below for
part options)
µA at 25°C
Maximum/5
Minutes
% at 25°C
120 Hz
Maximum
mΩ at 25°C
100 kHz
Maximum
mA at 45°C
100 kHz
Reflow Temp
≤ 260ºC
ºC
4
330
D/7343-31
T520D337M004A(1)E045
132
10
45
2200
3
105
4
470
D/7343-31
T520D477M004A(1)E010
188
10
10
4700
3
105
4
470
D/7343-31
T520D477M004A(1)E012
188
10
12
4300
3
105
4
470
D/7343-31
T520D477M004A(1)E015
188
10
15
3900
3
105
4
470
D/7343-31
T520D477M004A(1)E018
188
10
18
3500
3
105
4
470
D/7343-31
T520D477M004A(1)E025
188
10
25
3000
3
105
4
470
D/7343-31
T520D477M004A(1)E040
188
10
40
2400
3
105
4
680
D/7343-31
T520D687M004A(1)E012
272
10
12
4300
3
105
4
680
D/7343-31
T520D687M004A(1)E015
272
10
15
3900
3
105
4
680
D/7343-31
T520D687M004A(1)E025
272
10
25
3000
3
105
4
680
Y/7343-40
T520Y687M004A(1)E010
272
10
10
4900
3
105
4
680
Y/7343-40
T520Y687M004A(1)E015
272
10
15
4000
3
105
4
680
Y/7343-40
T520Y687M004A(1)E025
272
10
25
3100
3
105
4
680
X/7343-43
T520X687M004A(1)E010
272
10
10
5000
3
105
4
680
X/7343-43
T520X687M004A(1)E015
272
10
15
4100
3
105
4
680
X/7343-43
T520X687M004A(1)E035
272
10
35
2700
3
105
6.3
15
T/3528-12
T520T156M006A(1)E100
9
8
100
1000
3
105
6.3
22
A/3216-18
T520A226M006A(1)E090
14
8
90
1100
3
105
6.3
22
A/3216-18
T520A226M006A(1)E100
14
8
100
1100
3
105
6.3
22
T/3528-12
T520T226M006A(1)E100
14
8
100
1000
3
105
6.3
33
A/3216-18
T520A336M006A(1)E070
21
8
70
1300
3
105
6.3
33
A/3216-18
T520A336M006A(1)E080
21
8
80
1200
3
105
6.3
33
A/3216-18
T520A336M006A(1)E120
21
8
120
1000
3
105
6.3
33
T/3528-12
T520T336M006A(1)E070
21
8
70
1200
3
105
6.3
33
B/3528-21
T520B336M006A(1)E025
21
8
25
2300
3
105
6.3
33
B/3528-21
T520B336M006A(1)E035
21
8
35
1900
3
105
6.3
33
B/3528-21
T520B336M006A(1)E040
21
8
40
1800
3
105
6.3
33
B/3528-21
T520B336M006A(1)E070
21
8
70
1300
3
105
6.3
33
C/6032-28
T520C336M006A(1)E100
21
8
100
1300
3
105
6.3
47
A/3216-18
T520A476M006A(1)E150
30
8
150
900
3
105
6.3
47
T/3528-12
T520T476M006A(1)E040
30
8
40
1600
3
105
6.3
47
T/3528-12
T520T476M006A(1)E070
30
8
70
1200
3
105
6.3
47
B/3528-21
T520B476M006A(1)E025
30
8
25
2300
3
105
6.3
47
B/3528-21
T520B476M006A(1)E035
30
8
35
1900
3
105
6.3
47
B/3528-21
T520B476M006A(1)E040
30
8
40
1800
3
105
6.3
47
B/3528-21
T520B476M006A(1)E070
30
8
70
1300
3
105
6.3
68
A/3216-18
T520A686M006A(1)E150
43
8
150
900
3
105
6.3
68
T/3528-12
T520T686M006A(1)E070
43
8
70
1200
3
105
6.3
68
T/3528-12
T520T686M006A(1)E150
43
8
150
800
3
105
6.3
68
B/3528-21
T520B686M006A(1)E025
43
8
25
2300
3
105
6.3
68
B/3528-21
T520B686M006A(1)E035
43
8
35
1900
3
105
6.3
68
B/3528-21
T520B686M006A(1)E040
43
8
40
1800
3
105
6.3
68
B/3528-21
T520B686M006A(1)E070
43
8
70
1300
3
105
6.3
68
U/6032-15
T520U686M006A(1)E055
43
8
55
1600
3
105
6.3
68
U/6032-15
T520U686M006A(1)E070
43
8
70
1400
3
105
6.3
68
C/6032-28
T520C686M006A(1)E100
43
8
100
1300
3
105
VDC at 105°C
µF
KEMET/EIA
(See below for
part options)
µA at 25°C
Maximum/5
Minutes
% at 25°C
120 Hz
Maximum
mΩ at 25°C
100 kHz
Maximum
mA at 45°C
100 kHz
Reflow Temp
≤ 260ºC
ºC
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part Number
DC
Leakage
DF
ESR
Maximum
Allowable
Ripple Current
MSL
Maximum
Operating
Temp
Table 1 – Ratings & Part Number Reference cont'd
(1) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, H = Standard Solder coated (SnPb 5% Pb minimum), N = Non-Magnetic 100% Tin
(Sn), M = Non-Magnetic (SnPb). Refer to Ordering Information for additional detail.
Also available on large (13 inch) reels. Add 7280 to the end of the part number.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitutions will be marked
with the higher voltage rating. Substitutions can include better than series.
* Part numbers with an asterisk are not recommended for new designs. Please use the T521 version of these part numbers.


Similar Part No. - T520X157M008AME045

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520X157M003AHE015 KEMET-T520X157M003AHE015 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520X157M003ASE015 KEMET-T520X157M003ASE015 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520X157M003ATE015 KEMET-T520X157M003ATE015 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520X157M004AHE015 KEMET-T520X157M004AHE015 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520X157M004ASE015 KEMET-T520X157M004ASE015 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
More results

Similar Description - T520X157M008AME045

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
1403 IET-1403 Datasheet
214Kb / 2P
   High frequency capacitance standards
August 2022
logo
Nichicon corporation
RHS NICHICON-RHS Datasheet
681Kb / 2P
   High Capacitance
RNE NICHICON-RNE Datasheet
678Kb / 2P
   High Capacitance
RSS NICHICON-RSS Datasheet
706Kb / 2P
   High Capacitance
logo
Rohm
MCH32 ROHM-MCH32 Datasheet
1Mb / 5P
   High capacitance
logo
Nichicon corporation
RFS NICHICON-RFS Datasheet
733Kb / 2P
   High Capacitance
RNU NICHICON-RNU Datasheet
699Kb / 2P
   High Capacitance
logo
American Accurate Compo...
UMSA04A03T1V1 AAC-UMSA04A03T1V1 Datasheet
59Kb / 1P
   UMS Ultra-Low Capacitance MAX Guard짰 ESD Suppressor (High Frequency Type)
UMSA24A03T1V1 AAC-UMSA24A03T1V1 Datasheet
66Kb / 1P
   Ultra-Low Capacitance MAX Guard ESD Suppressor Array (High Frequency Type)
logo
Fluke Corporation
115 FLUKE-115 Datasheet
1Mb / 2P
   Resistance, continuity, frequency, capacitance, and diode test
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com