Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM54LS174J Datasheet(PDF) 4 Page - Texas Instruments

Part # DM54LS174J
Description  These positive-edge-triggered flip-flops utilize TTL circuitry to implement D-type flip-flop logic
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM54LS174J Datasheet(HTML) 4 Page - Texas Instruments

  DM54LS174J Datasheet HTML 1Page - Texas Instruments DM54LS174J Datasheet HTML 2Page - Texas Instruments DM54LS174J Datasheet HTML 3Page - Texas Instruments DM54LS174J Datasheet HTML 4Page - Texas Instruments DM54LS174J Datasheet HTML 5Page - Texas Instruments DM54LS174J Datasheet HTML 6Page - Texas Instruments DM54LS174J Datasheet HTML 7Page - Texas Instruments DM54LS174J Datasheet HTML 8Page - Texas Instruments DM54LS174J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
’LS174 Switching Characteristics
at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
From (Input)
RL e 2kX
Symbol
Parameter
To (Output)
CL e 15 pF
CL e 50 pF
Units
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
30
25
MHz
tPLH
Propagation Delay Time
Clock to
30
32
ns
Low to High Level Output
Output
tPHL
Propagation Delay Time
Clock to
30
36
ns
High to Low Level Output
Output
tPHL
Propagation Delay Time
Clear to
35
42
ns
High to Low Level Output
Output
Recommended Operating Conditions
Symbol
Parameter
DM54LS175
DM74LS175
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
07
08
V
IOH
High Level Output Current
b
04
b
04
mA
IOL
Low Level Output Current
4
8
mA
fCLK
Clock Frequency (Note 1)
0
30
0
30
MHz
fCLK
Clock Frequency (Note 2)
0
25
0
25
MHz
tW
Pulse Width
Clock
20
20
ns
(Note 3)
Clear
20
20
tSU
Data Setup Time (Note 3)
20
20
ns
tH
Data Hold Time (Note 3)
0
0
ns
tREL
Clear Release Time (Note 3)
25
25
ns
TA
Free Air Operating Temperature
b
55
125
0
70
C
Note 1
CL e 15 pF RL e 2kX TA e 25 C and VCC e 5V
Note 2
CL e 50 pF RL e 2kX TA e 25 C and VCC e 5V
Note 3
TA e 25 C and VCC e 5V
3


Similar Part No. - DM54LS174J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54LS174J NSC-DM54LS174J Datasheet
174Kb / 8P
   Hex/Quad D Flip-Flops with Clear
More results

Similar Description - DM54LS174J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV74A TI-SN54LV74A Datasheet
444Kb / 16P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Potato Semiconductor Co...
PO74G74A POTATO-PO74G74A_14 Datasheet
1Mb / 6P
   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54LV74 TI1-SN54LV74_10 Datasheet
148Kb / 8P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54AC74 TI1-SN54AC74_15 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54HC74 TI1-SN54HC74_15 Datasheet
164Kb / 15P
[Old version datasheet]   Dual D-Type Positive-Edge-Triggered Flip-Flops
SN54LV74 TI-SN54LV74 Datasheet
137Kb / 7P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN74LV74A-EP TI1-SN74LV74A-EP Datasheet
506Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54LV74A TI1-SN54LV74A_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Positive-Edge-Triggered D-Type Flip-Flops
CD54AC74 TI1-CD54AC74_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
CD54ACT74 TI1-CD54ACT74_14 Datasheet
887Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com