Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74LS174N Datasheet(PDF) 2 Page - Texas Instruments

Part # DM74LS174N
Description  These positive-edge-triggered flip-flops utilize TTL circuitry to implement D-type flip-flop logic
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM74LS174N Datasheet(HTML) 2 Page - Texas Instruments

  DM74LS174N Datasheet HTML 1Page - Texas Instruments DM74LS174N Datasheet HTML 2Page - Texas Instruments DM74LS174N Datasheet HTML 3Page - Texas Instruments DM74LS174N Datasheet HTML 4Page - Texas Instruments DM74LS174N Datasheet HTML 5Page - Texas Instruments DM74LS174N Datasheet HTML 6Page - Texas Instruments DM74LS174N Datasheet HTML 7Page - Texas Instruments DM74LS174N Datasheet HTML 8Page - Texas Instruments DM74LS174N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TLF6404
June 1989
54LS174DM54LS174DM74LS174
54LS175DM54LS175DM74LS175
HexQuad D Flip-Flops with Clear
General Description
These positive-edge-triggered flip-flops utilize TTL circuitry
to implement D-type flip-flop logic All have a direct clear
input and the quad (175) versions feature complementary
outputs from each flip-flop
Information at the D inputs meeting the setup time require-
ments is transferred to the Q outputs on the positive-going
edge of the clock pulse Clock triggering occurs at a particu-
lar voltage level and is not directly related to the transition
time of the positive-going pulse When the clock input is at
either the high or low level the D input signal has no effect
at the output
Features
Y
LS174 contains six flip-flops with single-rail outputs
Y
LS175 contains four flip-flops with double-rail outputs
Y
Buffered clock and direct clear inputs
Y
Individual data input to each flip-flop
Y
Applications include
Bufferstorage registers
Shift registers
Pattern generators
Y
Typical clock frequency 40 MHz
Y
Typical power dissipation per flip-flop 14 mW
Y
Alternate
MilitaryAerospace
device
(54LS174
54LS175) is available Contact a National Semiconduc-
tor Sales OfficeDistributor for specifications
Connection Diagrams
Dual-In-Line Package
TLF6404 – 1
Order Number 54LS174DMQB 54LS174FMQB
54LS174LMQB DM54LS174J
DM54LS174W DM74LS174M or DM74LS174N
See NS Package Number E20A J16A
M16A N16E or W16A
Dual-In-Line Package
TLF6404 – 2
Order Number 54LS175DMQB 54LS175FMQB
54LS175LMQB DM54LS175J
DM54LS175W DM74LS175M or DM74LS175N
See NS Package Number E20A J16A
M16A N16E or W16A
Function Table (Each Flip-Flop)
Inputs
Outputs
Clear
Clock
D
Q
Q
LX
X
L
H
H
u
HH
L
H
u
LL
H
HL
X
Q0
Q0
H e High Level (steady state)
L e Low Level (steady state)
X e Don’t Care
u e Transition from low to high level
Q0 e The level of Q before the indicated steady-state input conditions were
established
e
LS175 only
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DM74LS174N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74LS174N NSC-DM74LS174N Datasheet
174Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
Fairchild Semiconductor
DM74LS174N FAIRCHILD-DM74LS174N Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
More results

Similar Description - DM74LS174N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV74A TI-SN54LV74A Datasheet
444Kb / 16P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Potato Semiconductor Co...
PO74G74A POTATO-PO74G74A_14 Datasheet
1Mb / 6P
   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54LV74 TI1-SN54LV74_10 Datasheet
148Kb / 8P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54AC74 TI1-SN54AC74_15 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54HC74 TI1-SN54HC74_15 Datasheet
164Kb / 15P
[Old version datasheet]   Dual D-Type Positive-Edge-Triggered Flip-Flops
SN54LV74 TI-SN54LV74 Datasheet
137Kb / 7P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN74LV74A-EP TI1-SN74LV74A-EP Datasheet
506Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54LV74A TI1-SN54LV74A_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Positive-Edge-Triggered D-Type Flip-Flops
CD54AC74 TI1-CD54AC74_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
CD54ACT74 TI1-CD54ACT74_14 Datasheet
887Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com