Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9316 Datasheet(PDF) 4 Page - Texas Instruments

Part # 9316
Description  9316/DM9316 Synchronous 4-Bit Counters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

9316 Datasheet(HTML) 4 Page - Texas Instruments

  9316 Datasheet HTML 1Page - Texas Instruments 9316 Datasheet HTML 2Page - Texas Instruments 9316 Datasheet HTML 3Page - Texas Instruments 9316 Datasheet HTML 4Page - Texas Instruments 9316 Datasheet HTML 5Page - Texas Instruments 9316 Datasheet HTML 6Page - Texas Instruments 9316 Datasheet HTML 7Page - Texas Instruments 9316 Datasheet HTML 8Page - Texas Instruments 9316 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
Symbol
Parameter
From (Input)
RL e 400X CL e 15 pF
Units
To (Output)
Min
Max
fMAX
Maximum Clock Frequency
25
MHz
tPLH
Propagation Delay Time
Clock
27
ns
Low to High Level Output
to RC
tPHL
Propagation Delay Time
Clock
24
ns
High to Low Level Output
to RC
tPLH
Propagation Delay Time
Clock
20
ns
Low to High Level Output
to Q
tPHL
Propagation Delay Time
Clock
23
ns
High to Low Level Output
to Q
tPLH
Propagation Delay Time
Clock
21
ns
Low to High Level Output
to Q
tPHL
Propagation Delay Time
Clock
25
ns
High to Low Level Output
to Q
tPLH
Propagation Delay Time
ENT
15
ns
Low to High Level Output
to RC
tPHL
Propagation Delay Time
ENT
16
ns
High to Low Level Output
to RC
tPHL
Propagation Delay Time
Clear
36
ns
High to Low Level Output
to Q
3


Similar Part No. - 9316

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
9316 NSC-9316 Datasheet
164Kb / 10P
   Synchronous 4-Bit Counters
logo
Alpha Wire
9316 ALPHAWIRE-9316 Datasheet
44Kb / 3P
   Customer Specification
logo
Belden Inc.
9316 BELDEN-9316 Datasheet
259Kb / 2P
   High Perform Instr, 1 Pr #16 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC-ER
logo
Keystone Electronics Co...
9316 KEYSTONE-9316 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9316 HEYCO-9316 Datasheet
152Kb / 2P
   Snap Rivets
More results

Similar Description - 9316

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
9316 NSC-9316 Datasheet
164Kb / 10P
   Synchronous 4-Bit Counters
logo
Texas Instruments
SN54160 TI1-SN54160_12 Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
SN54160 TI-SN54160 Datasheet
756Kb / 23P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
logo
National Semiconductor ...
DM54161 NSC-DM54161 Datasheet
176Kb / 10P
   Synchronous 4-Bit Counters
logo
Texas Instruments
DM54161 TI1-DM54161_11 Datasheet
426Kb / 12P
[Old version datasheet]   Synchronous 4-Bit Counters
logo
Aeroflex Circuit Techno...
UT54ACS163 AEROFLEX-UT54ACS163 Datasheet
255Kb / 10P
   4-Bit Synchronous Counters
logo
Texas Instruments
SN54ALS561A TI1-SN54ALS561A_11 Datasheet
310Kb / 13P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
logo
National Semiconductor ...
54161 NSC-54161 Datasheet
211Kb / 8P
   SYNCHRONOUS 4-BIT COUNTERS
logo
Texas Instruments
SNJ54LS163AJ TI-SNJ54LS163AJ Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
SN54HC163 TI-SN54HC163 Datasheet
640Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com