Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFP1300-G1-840-05 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # VFP1300-G1-840-05
Description  Value Flex Protect
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

VFP1300-G1-840-05 Datasheet(HTML) 1 Page - OSRAM GmbH

  VFP1300-G1-840-05 Datasheet HTML 1Page - OSRAM GmbH VFP1300-G1-840-05 Datasheet HTML 2Page - OSRAM GmbH VFP1300-G1-840-05 Datasheet HTML 3Page - OSRAM GmbH VFP1300-G1-840-05 Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VFP1300
– G1– 20.05.2015
Page 1 of 4
www.osram.com
OSRAM APAC
Value Flex Protect
– VFP1300-G1
Technical Datasheet
Technical Operating Data
Product
Color
No. of
LEDs
Voltage
[V DC]*
Power
[W]*
Current
[A]*
Wavelength
Color Temp
[K]*
Lum. Flux
[lm]/meter *
Lum. Flux
[lm]/chain*
VFP1300-G1-827-05
White
216
24
83.5
3.48
2700 K
1300
6500
VFP1300-G1-830-05
White
216
24
83.5
3.48
3000 K
1300
6500
VFP1300-G1-840-05
White
216
24
83.5
3.48
4000 K
1400
7000
VFP1300-G1-865-05
White
216
24
83.5
3.48
6500 K
1400
7000
 Size of printed circuit board (L x W x H):
5010 mm x 11 mm x 4.8 mm
 Size of smallest unit : 138mm
 The LED pitch is 23.06mm
 Connection possible at the reel end or at the cut points
 24V Constant Voltage LED modules
 Colour consistency <4 SCDM
 CRI 80
 Linear LED strip on flexible printed circuit board with
self-adhesive tape at the back allow for easy mounting
 Up to 35,000 hrs lifetime @ Tc = 60
℃.
 Accessories:
− 3M UR connector x 4pcs
− End cap x 10pcs
− Mounting clips x 20pcs
− 2.5mm x 10mm Screws x 40pcs
Technical Features
Benefits
 Energy saving low-power LED flexible strip
 Easy installation with Track
 Multi cut-able with IP54 connectors
 Available in warm white and cold white
 120ºviewing angle per module
 IP66 Protection
 Dimmable
Applications
 Hospitality Lighting
 General Illumination
 Signage
 Architecture lighting
 Wall integration
*) All Data are related to the entire module.
Due to the special conditions of the manufacturing processes of LED the typical data of technical parameters can only reflect statistical figures and do not
necessarily correspond to the actual parameters of each single product which could differ from the typical data.


Similar Part No. - VFP1300-G1-840-05

ManufacturerPart #DatasheetDescription
logo
Vatronics Technologies ...
VFP VATRONICS-VFP Datasheet
81Kb / 2P
   Film Polyester Capacitors
logo
Fujitsu Component Limit...
VFP-12HU FUJITSU-VFP-12HU Datasheet
184Kb / 9P
   1 POLE - 20/25/30A - Heavy power control
VFP-12LU FUJITSU-VFP-12LU Datasheet
184Kb / 9P
   1 POLE - 20/25/30A - Heavy power control
VFP-12MU FUJITSU-VFP-12MU Datasheet
184Kb / 9P
   1 POLE - 20/25/30A - Heavy power control
VFP-18HU FUJITSU-VFP-18HU Datasheet
184Kb / 9P
   1 POLE - 20/25/30A - Heavy power control
More results

Similar Description - VFP1300-G1-840-05

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
VFP600-G2 OSRAM-VFP600-G2 Datasheet
394Kb / 4P
   Value Flex Protect
VFP900-G2 OSRAM-VFP900-G2 Datasheet
394Kb / 4P
   Value Flex Protect
VF900-G2 OSRAM-VF900-G2 Datasheet
382Kb / 4P
   Value Flex
VF600-G2 OSRAM-VF600-G2 Datasheet
379Kb / 4P
   Value Flex
VF1500-G1 OSRAM-VF1500-G1 Datasheet
380Kb / 4P
   Value Flex
LF05CE-P OSRAM-LF05CE-P Datasheet
518Kb / 4P
   LINEARlight Colormix Flex Protect
LF06A-P OSRAM-LF06A-P Datasheet
567Kb / 4P
   LINEARlight Flex Protect ADVANCED
logo
Lapp.
61742400 LAPP-61742400 Datasheet
104Kb / 2P
   Shrink tube PROTECT
09.11.2018
logo
Powertip Technology
PS320240T POWERTIP-PS320240T Datasheet
423Kb / 28P
   STANDARD VALUE
PS240128WRF POWERTIP-PS240128WRF Datasheet
445Kb / 27P
   Standard Value
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com