Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

592D226X-004A2-15H Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 592D226X-004A2-15H
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

592D226X-004A2-15H Datasheet(HTML) 1 Page - Vishay Siliconix

  592D226X-004A2-15H Datasheet HTML 1Page - Vishay Siliconix 592D226X-004A2-15H Datasheet HTML 2Page - Vishay Siliconix 592D226X-004A2-15H Datasheet HTML 3Page - Vishay Siliconix 592D226X-004A2-15H Datasheet HTML 4Page - Vishay Siliconix 592D226X-004A2-15H Datasheet HTML 5Page - Vishay Siliconix 592D226X-004A2-15H Datasheet HTML 6Page - Vishay Siliconix 592D226X-004A2-15H Datasheet HTML 7Page - Vishay Siliconix 592D226X-004A2-15H Datasheet HTML 8Page - Vishay Siliconix 592D226X-004A2-15H Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.vishay.com
74
592D
Vishay Sprague
Document Number 40004
Revision 20-Oct-04
For technical questions, contact tantalum@vishay.com
Solid Tantalum Chip Capacitors
TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55°C to + 85°C. (To + 125°C
with voltage derating.)
FEATURES
• New extended range offerings.
• 1.0mm to 2.5mm height.
• Terminations: Lead (Pb)-free (2) standard.
• Low Impedance
• 8mm, 12mm and 24mm tape and reel packaging
available per EIA-481-1 and reeling per IEC 286-3. 7”
[178mm] standard.
13” [330mm] available.
• Case code compatibility with EIA 535BAAC and
CECC 30801 molded chips.
Note: The anode termination (D less B) will be a minimum of 0.012" [0.3mm].
Capacitance Range: 1.0µF to 3300µF
Capacitance Tolerance: ±10%, ±20% standard.
Voltage Rating: 4 WVDC to 35 WVDC
ORDERING INFORMATION
T
REEL SIZE AND
PACKAGING
592D
TYPE
2
TERMINATION
B
CASE CODE
010
DC VOLTAGE RATING
@ + 85°C
X0
CAPACITANCE
TOLERANCE
106
CAPACITANCE
This is expressed in
picofarads. The first two
digits are the significant
figures. The third is the
number of zeros to follow.
X0 =
± 20%
X9 = ± 10%
This is expressed in volts. To
complete the three-digit block,
zeros precede the voltage rating.
A decimal point is indicated by
an "R" (6R3 = 6.3 volts).
See Ratings
and Case
Codes Table.
2 = 100% Tin
4 = Gold Plated
T= Tape and Reel
7" [178mm] Reel
W = 13” [330mm] Reel
Note: Preferred Tolerance and reel sizes are in bold.
We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size.
Voltage substitutions will be marked with the higher voltage rating.
DIMENSIONS in inches [millimeters]
W
D
L
A
B
J
J
Tantalum Wire Nib
Identifies Anode
(+) Terminal
H
CASE CODE
L (Max.)
W
H
A
B
D (Ref.)
J (Max.)
A
0.146
0.072 ± 0.012
0.048 ± 0.012
0.031 ± 0.012
0.087 ± 0.016
0.115
0.004
[3.7]
[1.8 ± 0.3]
[1.2 ± 0.3]
[0.80 ± 0.30]
[2.2 ± 0.4]
[2.9]
[0.1]
B
0.158
0.110 + 0.012-0.016 0.047 ± 0.012
0.031 ± 0.012
0.097 ± 0.016
0.139
0.004
[4.0]
[2.8 + 0.3-0.4]
[1.2 ± 0.3]
[0.80 ± 0.30]
[2.5 ± 0.4]
[3.5]
[0.1]
C
0.281
0.126 ± 0.012
0.047 ± 0.012
0.051 ± 0.012
0.180 ± 0.024
0.238
0.004
[7.1]
[3.2 ± 0.3]
[1.2 ± 0.3]
[1.3 ± 0.30]
[4.4 ± 0.6]
[6.0]
[0.1]
D
0.298
0.170 ± 0.012
0.047 ± 0.012
0.051 ± 0.012
0.180 ± 0.024
0.254
0.004
[7.5]
[4.3 ± 0.3]
[1.2 ± 0.3]
[1.3 ± 0.30]
[4.6 ± 0.6]
[6.4]
[0.1]
R
0.285
0.235 ± 0.012
0.047 ± 0.012
0.051 ± 0.012
0.180 ± 0.024
0.246
0.004
[7.2]
[6.0 ± 0.3]
[1.2 ± 0.3]
[1.3 ± 0.30]
[4.6 ± 0.6]
[6.2]
[0.1]
S
0.126 ± 0.012
0.063 ± 0.012
0.040 ± 0.012
0.031 ± 0.012
0.079 ± 0.012
0.087
0.004
[3.2 ± 0.3]
[1.6 ± 0.3]
[1.0 ± 0.3]
[0.8 ± 0.3]
[2.0 ± 0.3]
[2.2]
[0.1]
T
0.158
0.116 ± 0.012
0.079
0.031 ± 0.012
0.097 ± 0.016
0.139
0.004
[4.0]
[2.8 ± 0.3]
[2.0] Max.
[0.8 ± 0.3]
[2.5 ± 0.4]
[3.5]
[0.1]
U
0.281
0.126 ± 0.012
0.079
0.051 ± 0.012
0.180 ± 0.024
0.238
0.004
[7.1]
[3.2 ± 0.3]
[2.0] Max.
[1.3 ± 0.3]
[4.6 ± 0.6]
[6.0]
[0.1]
V
0.298
0.170 ± 0.012
0.079
0.051 ± 0.012
0.180 ± 0.024
0.254
0.004
[7.5]
[4.3 ± 0.3]
[2.0] Max.
[1.3 ± 0.3]
[4.6 ± 0.6]
[6.4]
[0.1]
W
0.285
0.235 ± 0.012
0.079
0.051 ± 0.012
0.180 ± 0.024
0.246
0.004
[7.2]
[6.0 ± 0.3]
[2.0] Max.
[1.3 ± 0.3]
[4.6 ± 0.6]
[6.2]
[0.1]
X
0.575
0.290 ± 0.010
0.079
0.050 ± 0.016
0.470 ± 0.024
0.524
0.004
[14.5]
[7.37 ± 0.25]
[2.0] Max.
[1.3 ± 0.4]
[11.9 ± 0.6]
[13.2]
[0.1]
Y
0.575
0.290 ± 0.010
0.098
0.051 ± 0.016
0.470 ± 0.024
0.524
0.004
[14.5]
[7.37 ± 0.25]
[2.5] Max.
[1.3 ± 0.4]
[11.9 ± 0.6]
[13.2]
[0.1]


Similar Part No. - 592D226X-004A2-15H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
592D226X_004A2_15H VISHAY-592D226X_004A2_15H Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
592D226X_004B2_15H VISHAY-592D226X_004B2_15H Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
592D226X_010A2_13H VISHAY-592D226X_010A2_13H Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
592D226X_010B2_13H VISHAY-592D226X_010B2_13H Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
592D226X_010B2_15H VISHAY-592D226X_010B2_15H Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
More results

Similar Description - 592D226X-004A2-15H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
572D107X06R3S2T VISHAY-572D107X06R3S2T Datasheet
1,010Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision: 25-Jun-13
572D VISHAY-572D Datasheet
121Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision: 15-May-06
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D107X9016D2T VISHAY-595D107X9016D2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D1061004A23 VISHAY-595D1061004A23 Datasheet
330Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 20-Jan-14
572D VISHAY-572D_08 Datasheet
143Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Revision: 07-Jan-08
572D VISHAY-572D_17 Datasheet
931Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Conformal Coated, Maximum CV
Revision: 23-Nov-17
592D VISHAY-592D_08 Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com