Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

593D107X5010D2W Datasheet(PDF) 11 Page - Vishay Siliconix

Part # 593D107X5010D2W
Description  Solid Tantalum Chip Capacitors Tantamount Commercial, Surface Mount for Switch Mode Power Supplies and Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

593D107X5010D2W Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button 593D107X5010D2W Datasheet HTML 3Page - Vishay Siliconix 593D107X5010D2W Datasheet HTML 4Page - Vishay Siliconix 593D107X5010D2W Datasheet HTML 5Page - Vishay Siliconix 593D107X5010D2W Datasheet HTML 6Page - Vishay Siliconix 593D107X5010D2W Datasheet HTML 7Page - Vishay Siliconix 593D107X5010D2W Datasheet HTML 8Page - Vishay Siliconix 593D107X5010D2W Datasheet HTML 9Page - Vishay Siliconix 593D107X5010D2W Datasheet HTML 10Page - Vishay Siliconix 593D107X5010D2W Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
www.vishay.com
37
593D
Vishay Sprague
Document Number 40005
Revision 01-Mar-04
For technical questions, contact tantalum@vishay.com
Tape and Reel Specifications: All case codes are available
on plastic embossed tape per EIA-481-1. Tape reeling per
IEC 286-3 is also available. Standard reel diameter is 13"
[330mm]. 7" [178mm] reels are available.
The most efficient packaging quantities are full reel
increments on a given reel diameter. The quantities shown
allow for the sealed empty pockets required to be in
conformance with EIA-481-1. Reel size must be specified
in the Vishay Sprague part number.
0.094
[2.4]
0.177
[4.5]
0.157
± 0.004
[4.0
± 0.10]
0.079
± 0.002
[2.0
± .050]
0.069
± 0.004
[1.75
± 0.10]
F
W
D
1 Min.
P
B
0
A
0
0.059 + 0.004 - 0.0
[1.5 + 0.10 - 0.0]
Direction of Feed
TAPE
SIZE
B
1
(Max.)
D
1
(Min.)
F
K
(Max.)
P
W
A0B0K0
8mm
12mm
0.165
[4.2]
0.323
[8.2]
0.039
[1.0]
0.059
[1.5]
0.138 ± 0.002
[3.5 ± 0.05]
0.217 ± 0.002
[5.5 ± 0.05]
0.157 ± 0.004
[4.0 ± 1.0]
0.315 ± 0.004
[8.0 ± 1.0]
0.315 ± 0.012
[8.0 ± 0.30]
0.472 ± 0.012
[12.0 ± 0.30]
Notes: A0B0K0 are determined by component size.
The clearance between the component and the
cavity must be within 0.002" [0.05mm] minimum to
0.020" [0.50mm] maximum for 8mm tape and 0.002"
[0.05mm] minimum to 0.026" [0.65mm] maximum
for 12mm tape.
Case
Code
Tape
Width
Component
Pitch
Units Per Reel
7" [178]
Reel
13" [330]
Reel
A
B
C
D
E
8mm
8mm
12mm
12mm
12mm
4mm
4mm
8mm
8mm
8mm
2000
2000
500
500
400
9000
8000
3000
2500
1500
Standard orientation is with the
cathode (-) nearest to the sprocket
holes per EIA-481-1 and IEC 286-3.
Top Cover
Tape Thickness
Carrier
Embossment
Cathode (-)
Anode (+)
Direction of Feed
K
Max.
0.024
[0.600]
Max.
K
0
Top Cover Tape
B1 Max.
TAPE AND REEL PACKAGING in inches [millimeters]


Similar Part No. - 593D107X5010D2W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D107X5010D2WE3 VISHAY-593D107X5010D2WE3 Datasheet
117Kb / 6P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Revision: 20-Oct-08
593D107X5010D2WE3 VISHAY-593D107X5010D2WE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
593D107X5010D2WE3 VISHAY-593D107X5010D2WE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X5010D2WE3 VISHAY-593D107X5010D2WE3 Datasheet
398Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X5010D2WE3 VISHAY-593D107X5010D2WE3 Datasheet
565Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 02-Nov-17
More results

Similar Description - 593D107X5010D2W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D VISHAY-293D Datasheet
160Kb / 13P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Commercial, Surface Mount
Revision: 04-Jul-13
255D VISHAY-255D Datasheet
177Kb / 6P
   Organic Polymer, Low ESR, Tantalum Capacitors Commercial, Surface Mount Capacitors for Switch Mode Power Supplies and Converters
Revision 04-Feb-03
DLA14002 VISHAY-DLA14002 Datasheet
287Kb / 19P
   Solid Tantalum Chip Capacitors, TANTAMOUNT
Revision: 12-Apr-16
595D336X9035R2T VISHAY-595D336X9035R2T Datasheet
135Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT
Revision: 08-Jan-13
TM3 VISHAY-TM3 Datasheet
88Kb / 6P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, for Medical Instruments
Revision: 02-Jul-13
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
195D476X0020R2T VISHAY-195D476X0020R2T Datasheet
348Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 28-Jun-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com