Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1140LLH Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A1140LLH
Description  Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1140LLH Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A1140LLH Datasheet HTML 3Page - Allegro MicroSystems A1140LLH Datasheet HTML 4Page - Allegro MicroSystems A1140LLH Datasheet HTML 5Page - Allegro MicroSystems A1140LLH Datasheet HTML 6Page - Allegro MicroSystems A1140LLH Datasheet HTML 7Page - Allegro MicroSystems A1140LLH Datasheet HTML 8Page - Allegro MicroSystems A1140LLH Datasheet HTML 9Page - Allegro MicroSystems A1140LLH Datasheet HTML 10Page - Allegro MicroSystems A1140LLH Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
A1140-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Sensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1140/41/42/43
Chopper Stabilization Technique
When using Hall-effect technology, a limiting factor for switch-
point accuracy is the small signal voltage developed across the
Hall element. This voltage is disproportionally small relative to
the offset that can be produced at the output of the Hall sensor.
This makes it difficult to process the signal while maintaining an
accurate, reliable output over the specified operating temperature
and voltage ranges.
Chopper stabilization is a unique approach used to minimize
Hall offset on the chip. The patented Allegro technique, namely
dynamic quadrature offset cancellation, removes key sources
of the output drift induced by thermal and mechanical stresses.
This offset reduction technique is based on a signal modulation-
demodulation process. The undesired offset signal is separated
from the magnetic field-induced signal in the frequency domain,
through modulation. The subsequent demodulation acts as a
modulation process for the offset, causing the magnetic field-
induced signal to recover its original spectrum at baseband, while
the dc offset becomes a high-frequency signal. The magnetic-
sourced signal then can pass through a low-pass filter, while the
modulated dc offset is suppressed.
The chopper stabilization technique uses a 200 kHz high fre-
quency clock. The chopping occurs on each clock edge, result-
ing in a 400 kHz chop frequency. This high-frequency opera-
tion allows a greater sampling rate, which results in higher
accuracy and faster signal-processing capability. This approach
desensitizes the chip to the effects of thermal and mechani-
cal stresses, and produces devices that have extremely stable
quiescent Hall output voltages and precise recoverability after
temperature cycling.
This technique is made possible through the use of a BiCMOS
process, which allows the use of low-offset, low-noise ampli-
fiers in combination with high-density logic integration and
sample-and-hold circuits. This process is illustrated in figure 2.
The repeatability of magnetic field-induced switching is
affected slightly by a chopper technique. However, the Allegro
high-frequency chopping approach minimizes the affect of
jitter and makes it imperceptible in most applications. Applica-
tions that are more likely to be sensitive to such degradation
are those requiring precise sensing of alternating magnetic
fields; for example, speed sensing of ring-magnet targets. For
such applications, Allegro recommends its digital sensor fami-
lies with lower sensitivity to jitter. For more information on
those devices, contact your Allegro sales representative.
Figure 2. Chopper stabilization circuit (dynamic quadrature offset cancellation)
Amp
Regulator
Clock/Logic
Hall Element
Low-Pass
Filter


Similar Part No. - A1140LLH

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1140LUATI-T4 ALLEGRO-A1140LUATI-T4 Datasheet
344Kb / 13P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
More results

Similar Description - A1140LLH

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1140 ALLEGRO-A1140_06 Datasheet
344Kb / 13P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1180 ALLEGRO-A1180_06 Datasheet
407Kb / 15P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1183LUA-T ALLEGRO-A1183LUA-T Datasheet
356Kb / 16P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1145 ALLEGRO-A1145_06 Datasheet
328Kb / 12P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1145 ALLEGRO-A1145 Datasheet
319Kb / 13P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1150 ALLEGRO-A1150_16 Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
A3241 ALLEGRO-A3241 Datasheet
401Kb / 12P
   Chopper-Stabilized Unipolar Hall-Effect Switches
A1152LUA-T ALLEGRO-A1152LUA-T Datasheet
265Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150_V5 ALLEGRO-A1150_V5 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150 ALLEGRO-A1150 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com