Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC245F3A Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC245F3A
Description  High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD54HC245F3A Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD54HC245F3A Datasheet HTML 4Page - Texas Instruments CD54HC245F3A Datasheet HTML 5Page - Texas Instruments CD54HC245F3A Datasheet HTML 6Page - Texas Instruments CD54HC245F3A Datasheet HTML 7Page - Texas Instruments CD54HC245F3A Datasheet HTML 8Page - Texas Instruments CD54HC245F3A Datasheet HTML 9Page - Texas Instruments CD54HC245F3A Datasheet HTML 10Page - Texas Instruments CD54HC245F3A Datasheet HTML 11Page - Texas Instruments CD54HC245F3A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
10-Jun-2014
Addendum-Page 2
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF CD54HC245, CD54HCT245, CD74HC245, CD74HCT245 :
Catalog: CD74HC245, CD74HCT245
Military: CD54HC245, CD54HCT245
NOTE: Qualified Version Definitions:
Catalog - TI's standard catalog product


Similar Part No. - CD54HC245F3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC245F3A TI-CD54HC245F3A Datasheet
261Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
More results

Similar Description - CD54HC245F3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC245 TI-CD54HC245 Datasheet
37Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54HC245 TI-CD54HC245_03 Datasheet
261Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54HCT640 TI-CD54HCT640 Datasheet
268Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD74HC640 TI-CD74HC640 Datasheet
37Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD54HC640 TI-CD54HC640_08 Datasheet
275Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD54AC245 TI-CD54AC245_07 Datasheet
437Kb / 16P
[Old version datasheet]   Octal-Bus Transceiver Three-State, Non-Inverting
logo
Intersil Corporation
CD54AC245 INTERSIL-CD54AC245 Datasheet
11Kb / 1P
   Octal-Bus Transceiver Three-State, Non-Inverting
June 1997
logo
Texas Instruments
CD74AC245 TI-CD74AC245 Datasheet
38Kb / 8P
[Old version datasheet]   Octal-Bus Transceiver, Three-State, Non-Inverting
CD54AC245 TI-CD54AC245 Datasheet
284Kb / 14P
[Old version datasheet]   Octal-Bus Transceiver, Three-State, Non-Inverting
logo
Intersil Corporation
CD54ACT623F3A INTERSIL-CD54ACT623F3A Datasheet
17Kb / 3P
   Octal Bus Transceiver Three-State, Non-Inverting
July 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com