Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3212ELHLT-T Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A3212ELHLT-T
Description  MICROPOWER, ULTRA-SENSITIVE HALL-EF FECT SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3212ELHLT-T Datasheet(HTML) 1 Page - Allegro MicroSystems

  A3212ELHLT-T Datasheet HTML 1Page - Allegro MicroSystems A3212ELHLT-T Datasheet HTML 2Page - Allegro MicroSystems A3212ELHLT-T Datasheet HTML 3Page - Allegro MicroSystems A3212ELHLT-T Datasheet HTML 4Page - Allegro MicroSystems A3212ELHLT-T Datasheet HTML 5Page - Allegro MicroSystems A3212ELHLT-T Datasheet HTML 6Page - Allegro MicroSystems A3212ELHLT-T Datasheet HTML 7Page - Allegro MicroSystems A3212ELHLT-T Datasheet HTML 8Page - Allegro MicroSystems A3212ELHLT-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
The A3212 integrated circuit is an ultra-sensitive, pole independent Hall-effect
switch with a latched digital output. This sensor is especially suited for opera-
tion in battery-operated, hand-held equipment such as cellular and cordless
telephones, pagers, and palmtop computers. A 2.5 volt to 3.5 volt operation and a
unique clocking scheme reduce the average operating power requirements to less
than 15
µW with a 2.75 volt supply.
Unlike other Hall-effect switches, either a north or south pole of sufficient
strength will turn the output on; in the absence of a magnetic field, the output
is off. The polarity independence and minimal power requirement allow these
devices to easily replace reed switches for superior reliability and ease of manu-
facturing, while eliminating the requirement for signal conditioning.
Improved stability is made possible through chopper stabilization (dynamic off-
set cancellation), which reduces the residual offset voltage normally caused by
device overmolding, temperature dependencies, and thermal stress.
This device includes on a single silicon chip a Hall-voltage generator, small-sig-
nal amplifier, chopper stabilization, a latch, and a MOSFET output. Advanced
BiCMOS processing is used to take advantage of low-voltage and low-power
requirements, component matching, very low input-offset errors, and small com-
ponent geometries.
Four package styles provide magnetically optimized solutions for most appli-
cations. Miniature low-profile surface-mount package types EH and EL
(0.75 and 0.50 mm nominal height) are leadless, LH is a leaded low-profile
SMD, and UA is a three-lead SIP for through-hole mounting. Each package is
available in a lead (Pb) free version (suffix, –T) with 100% matte tin plated lead-
frame. EL package for limited release, engineering samples available.
FEATURES
Micropower Operation
Operation with North or South Pole
2.5 V to 3.5 V Battery Operation
Chopper Stabilized
Superior Temperature Stability
Extremely Low Switch-Point Drift
Insensitive to Physical Stress
ESD Protected to 5 kV
Solid-State Reliability
Small Size
Easily Manufacturable with Magnet Pole Independence
A3212
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VDD .............................. 5 V
Magnetic Flux Density, B .......... Unlimited
Output Off Voltage, VOUT ...................... 5 V
Output Current, IOUT ........................... 1 mA
Junction Temperature, TJ ................ +170°C
Operating Temperature, TA
Range 'E-' .................... -40°C to +85°C
Range 'L-' .................. -40°C to +150°C
Storage Temperature Range,
TS .............................. -65°C to +170°C
Caution: These CMOS devices have input
static protection (Class 3) but are still sus-
ceptible to damage if exposed to extremely
high static electrical charges.
MICROPOWER, ULTRA-SENSITIVE
HALL-EFFECT SWITCH
2 x 2 mm MLPD
Package A3212EELLT-T
Approximate actual size


Similar Part No. - A3212ELHLT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3212ELHLT-T ALLEGRO-A3212ELHLT-T Datasheet
376Kb / 13P
   Micropower, Ultra-sensitive Hall-effect Switches
May 29, 2012
More results

Similar Description - A3212ELHLT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1172ECGLT ALLEGRO-A1172ECGLT Datasheet
246Kb / 11P
   Micropower Ultra-Sensitive Hall-Ef fect Switch
A1172 ALLEGRO-A1172_13 Datasheet
246Kb / 11P
   Micropower Ultra-Sensitive Hall-Ef fect Switch
A1172 ALLEGRO-A1172 Datasheet
236Kb / 9P
   Micropower Ultra-Sensitive Hall-Ef fect Switch
A3214ELHL ALLEGRO-A3214ELHL Datasheet
575Kb / 11P
   MICROPOWER, ULTRA-SENSITIVE HALL-EF FECT SWITCHES
A1171 ALLEGRO-A1171_16 Datasheet
260Kb / 10P
   Micropower Ultrasensitive Hall Ef fect Switch
3240 ALLEGRO-3240_04 Datasheet
297Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EF FECT SWITCH
logo
Diodes Incorporated
AH1801 DIODES-AH1801 Datasheet
117Kb / 8P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
AH1801 Rev. 4
logo
Major-Power Technology ...
MA7004 MPOWER-MA7004 Datasheet
117Kb / 2P
   MicroPower, Ultra-sensitive Hall Effect Switch
Rev.1.3
MA7006 MPOWER-MA7006 Datasheet
125Kb / 2P
   MicroPower, Ultra-sensitive Hall Effect Switch
Rev.0.5
MA7007 MPOWER-MA7007 Datasheet
128Kb / 2P
   MicroPower, Ultra-sensitive Hall Effect Switch
Rev.0.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com