Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC319 Datasheet(PDF) 11 Page - Texas Instruments

Part # CDC319
Description  1Line to 10Line Clock Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC319 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CDC319_08 Datasheet HTML 7Page - Texas Instruments CDC319_08 Datasheet HTML 8Page - Texas Instruments CDC319_08 Datasheet HTML 9Page - Texas Instruments CDC319_08 Datasheet HTML 10Page - Texas Instruments CDC319_08 Datasheet HTML 11Page - Texas Instruments CDC319_08 Datasheet HTML 12Page - Texas Instruments CDC319_08 Datasheet HTML 13Page - Texas Instruments CDC319_08 Datasheet HTML 14Page - Texas Instruments CDC319_08 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CDC319
1-LINE TO 10-LINE CLOCK DRIVER
WITH I2C CONTROL INTERFACE
SCAS590A – DECEMBER 1997 – REVISED OCTOBER 2001
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
MECHANICAL INFORMATION
DB (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040065 / C 10/95
28 PIN SHOWN
Gage Plane
8,20
7,40
0,15 NOM
0,63
1,03
0,25
38
12,90
12,30
28
10,50
24
8,50
Seating Plane
9,90
7,90
30
10,50
9,90
0,38
5,60
5,00
15
0,22
14
A
28
1
20
16
6,50
6,50
14
0,05 MIN
5,90
5,90
DIM
A MAX
A MIN
PINS **
2,00 MAX
6,90
7,50
0,65
M
0,15
0
°–8°
0,10
3,30
8
2,70
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-150


Similar Part No. - CDC319_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC319DB TI-CDC319DB Datasheet
168Kb / 11P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
More results

Similar Description - CDC319_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC318A TI1-CDC318A_12 Datasheet
500Kb / 14P
[Old version datasheet]   1Line to 10Line Clock Driver
CDC391 TI1-CDC391_09 Datasheet
116Kb / 7P
[Old version datasheet]   1Line to 6Line Clock Driver
CDC340 TI1-CDC340_08 Datasheet
131Kb / 8P
[Old version datasheet]   1Line to 8Line Clock Driver
CDC329A TI1-CDC329A_08 Datasheet
299Kb / 10P
[Old version datasheet]   1Line to 6Line Clock Driver
CDC328A TI1-CDC328A_09 Datasheet
110Kb / 7P
[Old version datasheet]   1Line to 6Line Clock Driver
SN74LVC2G157 TI-SN74LVC2G157 Datasheet
346Kb / 13P
[Old version datasheet]   SINGL 2LINE TO 1LINE DATA SELECTOR/MULTIPLEXER
logo
ON Semiconductor
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
   PECL to TTL Clock Driver
August, 2016 ??Rev. 9
logo
Fairchild Semiconductor
GTLP6C816A FAIRCHILD-GTLP6C816A Datasheet
52Kb / 7P
   LVTTL-to-GTLP Clock Driver
logo
Integrated Device Techn...
ICS558-01 IDT-ICS558-01 Datasheet
122Kb / 6P
   PECL/CMOS TO CMOS CLOCK DRIVER
logo
Renesas Technology Corp
ICS558-01 RENESAS-ICS558-01 Datasheet
322Kb / 7P
   PECL/CMOS TO CMOS CLOCK DRIVER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com