Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10ETF12S Datasheet(PDF) 7 Page - International Rectifier

Part # 10ETF12S
Description  FAST SOFT RECOVERY RECTIFIER DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10ETF12S Datasheet(HTML) 7 Page - International Rectifier

  10ETF12S Datasheet HTML 1Page - International Rectifier 10ETF12S Datasheet HTML 2Page - International Rectifier 10ETF12S Datasheet HTML 3Page - International Rectifier 10ETF12S Datasheet HTML 4Page - International Rectifier 10ETF12S Datasheet HTML 5Page - International Rectifier 10ETF12S Datasheet HTML 6Page - International Rectifier 10ETF12S Datasheet HTML 7Page - International Rectifier 10ETF12S Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
10ETF..S QUIET
IR Series
I2140 rev. A 12/99
www.irf.com
Dimensions in millimeters and inches
TR R
F E E D DIRE CT IO N
TR L
F E E D D IRE CT I O N
10 .9 0 (0.4 29)
10 .7 0 (0.4 21)
16 .1 0 (0.6 34)
15 .9 0 (0.6 26)
1. 75 (0 .0 6 9 )
1. 25 (0 .0 4 9 )
1. 85 (0 .0 73)
1. 65 (0 .0 65)
4. 10 (0. 161)
3. 90 (0. 153)
1. 60 (0. 063)
1. 50 (0. 059)
DI A .
1. 60 (0. 063)
1. 50 (0. 059)
DIA .
1 1 .6 0 (0 .4 5 7 )
1 1 .4 0 (0 .4 4 9 )
15 .4 2 (0.6 09)
15 .2 2 (0.6 01)
4. 72 (0 .1 8 6 )
4. 52 (0 .1 7 8 )
2 4 .3 0 (0 .9 5 7 )
2 3 .9 0 (0 .9 4 1 )
0.3 68 (0 . 014 5)
0.3 42 (0 . 013 5)
360 (1 4.173)
DI A . M A X .
26 .4 0 (1 .039 )
24 .4 0 (0 .961 )
13 .5 0 (0 . 532)
12 .8 0 (0 . 504)
DI A .
6 0 (2 .3 6 2 )
DIA . MIN.
SMD- 220 Tap e & Ree l
W h en ordering, indic at e th e part
num ber, part orie ntat ion, and t h e
quant ity . Qu antitie s are in m u lt ip le s
of 800
p iec es p e r reel fo r bo th
T R L and T R R .
Tape & Reel Information
9G3A
10ETF06S
9512
EXAMPLE: THIS IS AN 10ETF06S
INTERNATIONAL
RECTIFIER LOGO
PART NUMBER
Marking Information
DATE CODE (YYWW)
YY = YEAR
WW = WEEK
ASSEMBLY
LOT CODE
1
+
3
2
BASE
--
(K)
(A)
(A)
(A)
(A)
(K)


Similar Part No. - 10ETF12S

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
10ETF12S ISC-10ETF12S Datasheet
265Kb / 2P
   Fast Soft Recovery Rectifier Diode
logo
Vishay Siliconix
10ETF12SPBF VISHAY-10ETF12SPBF Datasheet
226Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 26-Apr-10
10ETF12STRLPBF VISHAY-10ETF12STRLPBF Datasheet
226Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 26-Apr-10
10ETF12STRRPBF VISHAY-10ETF12STRRPBF Datasheet
226Kb / 8P
   Fast Soft Recovery Rectifier Diode, 10 A
Revision: 26-Apr-10
More results

Similar Description - 10ETF12S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20ETF02 IRF-20ETF02 Datasheet
196Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
80EPF10 IRF-80EPF10 Datasheet
175Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
30EPF06PBF IRF-30EPF06PBF Datasheet
212Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF10FP IRF-10ETF10FP Datasheet
179Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF06SPBF IRF-10ETF06SPBF Datasheet
229Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETF02S ISC-10ETF02S Datasheet
265Kb / 2P
   Fast Soft Recovery Rectifier Diode
10ETF12 ISC-10ETF12 Datasheet
263Kb / 2P
   Fast Soft Recovery Rectifier Diode
logo
International Rectifier
60EPF06 IRF-60EPF06 Datasheet
149Kb / 8P
   FAST SOFT RECOVERY RECTIFIER DIODE
85EPF IRF-85EPF Datasheet
144Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
10ETF02 IRF-10ETF02 Datasheet
217Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
85EPF02 IRF-85EPF02 Datasheet
142Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com