Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC2510B Datasheet(PDF) 5 Page - Texas Instruments

Part # CDC2510B
Description  3.3V Phase-Lock Loop Clock Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC2510B Datasheet(HTML) 5 Page - Texas Instruments

  CDC2510B_15 Datasheet HTML 1Page - Texas Instruments CDC2510B_15 Datasheet HTML 2Page - Texas Instruments CDC2510B_15 Datasheet HTML 3Page - Texas Instruments CDC2510B_15 Datasheet HTML 4Page - Texas Instruments CDC2510B_15 Datasheet HTML 5Page - Texas Instruments CDC2510B_15 Datasheet HTML 6Page - Texas Instruments CDC2510B_15 Datasheet HTML 7Page - Texas Instruments CDC2510B_15 Datasheet HTML 8Page - Texas Instruments CDC2510B_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CDC2510B
3.3V PHASELOCK LOOP CLOCK DRIVER
SCAS612 B− SEPTEMBER 1998 − REVISED DECEMBER 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
AVCC, VCC
MIN
TYP‡
MAX
UNIT
VIK
II = −18 mA
3 V
−1.2
V
IOH = −100 µA
MIN to MAX
VCC −0.2
VOH
IOH = −12 mA
3 V
2.1
V
VOH
IOH = − 6 mA
3 V
2.4
V
IOL = 100 µA
MIN to MAX
0.2
VOL
IOL = 12 mA
3 V
0.8
V
VOL
IOL = 6 mA
3 V
0.55
V
II
VI = VCC or GND
3.6 V
±5
µA
ICC§
VI = VCC or GND,
IO = 0, Outputs: low or high
3.6 V
10
µA
∆ICC
One input at VCC − 0.6 V,
Other inputs at VCC or GND
3.3 V to 3.6 V
500
µA
Ci
VI = VCC or GND
3.3 V
4
pF
Co
VO = VCC or GND
3.3 V
6
pF
‡ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
§ For ICC of AVCC and ICC vs Frequency (see Figures 7 and 8).
timing requirements over recommended ranges of supply voltage and operating free-air
temperature
MIN
MAX
UNIT
fclk
Clock frequency
25
125
MHz
Input clock duty cycle
40%
60%
Stabilization time†
1
ms
† Time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. For phase lock to be obtained, a
fixed-frequency, fixed-phase reference signal must be present at CLK. Until phase lock is obtained, the specifications for propagation delay, skew,
and jitter parameters given in the switching characteristics table are not applicable. This parameter does not apply for input modulation under
SSC application.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 30 pF (see Note 6 and Figures 1 and 2)
PARAMETER
FROM
(INPUT)/CONDITION
TO
(OUTPUT)
VCC, AVCC = 3.3 V
± 0.165 V
VCC, AVCC = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)/CONDITION
(OUTPUT)
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tphase error, − jitter
(see Notes 7 and 8,
Figures 3, 4, and 5)
CLKIN
↑ = 66 MHz to 100 MHz
FBIN
−150
150
−200
200
ps
tsk(o)§
Any Y or FBOUT
Any Y or FBOUT
200
ps
Jitter(pk-pk) (see Figure 6)
Any Y or FBOUT
−80
80
Jitter(cycle-cycle)
(See Figure 6)
Clkin = 66 MHz to 100 MHz
Any Y or FBOUT
|100|
ps
Duty cycle reference
(see Figure 4)
F(clkin > 60 MHz)
Any Y or FBOUT
45%
55%
tr
Any Y or FBOUT
1.3
1.9
0.8
2.1
ns
tf
Any Y or FBOUT
1.7
2.5
1.2
2.7
ns
‡ These parameters are not production tested.
§ The tsk(o) specification is only valid for equal loading of all outputs.
NOTES:
6. The specifications for parameters in this table are applicable only after any appropriate stabilization time has elapsed.
7. This is considered as static phase error.
8. Phase error does not include jitter. The total phase error is − 230 ps to 230 ps for the 5% VCC range.


Similar Part No. - CDC2510B_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2510BPW TI-CDC2510BPW Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510BPWR TI-CDC2510BPWR Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results

Similar Description - CDC2510B_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_15 Datasheet
638Kb / 15P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDC2510 TI1-CDC2510_15 Datasheet
608Kb / 13P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
logo
Renesas Technology Corp
ICS2510C RENESAS-ICS2510C Datasheet
322Kb / 8P
   3.3V Phase-Lock Loop Clock Driver
2019
logo
Texas Instruments
CDC2510C TI1-CDC2510C_15 Datasheet
687Kb / 17P
[Old version datasheet]   3.3V Phase- Lock Loop Clock Driver
logo
Integrated Device Techn...
IDTCSPF2510C IDT-IDTCSPF2510C Datasheet
69Kb / 8P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER
logo
Integrated Circuit Syst...
ICS2510C ICST-ICS2510C Datasheet
247Kb / 7P
   3.3V Phase-Lock Loop Clock Driver
logo
Texas Instruments
CDCF2510 TI1-CDCF2510_15 Datasheet
473Kb / 15P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDC2536 TI1-CDC2536_14 Datasheet
490Kb / 15P
[Old version datasheet]   3.3V PHASE-LOCK LOOP CLOCK DRIVER
logo
Integrated Circuit Syst...
ICS2509C ICST-ICS2509C Datasheet
248Kb / 7P
   3.3V Phase-Lock Loop Clock Driver
logo
Texas Instruments
CDC2509C TI1-CDC2509C_15 Datasheet
696Kb / 17P
[Old version datasheet]   3.3V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com