Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC2510CPW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CDC2510CPW
Description  3.3V Phase- Lock Loop Clock Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC2510CPW Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDC2510CPW Datasheet HTML 6Page - Texas Instruments CDC2510CPW Datasheet HTML 7Page - Texas Instruments CDC2510CPW Datasheet HTML 8Page - Texas Instruments CDC2510CPW Datasheet HTML 9Page - Texas Instruments CDC2510CPW Datasheet HTML 10Page - Texas Instruments CDC2510CPW Datasheet HTML 11Page - Texas Instruments CDC2510CPW Datasheet HTML 12Page - Texas Instruments CDC2510CPW Datasheet HTML 13Page - Texas Instruments CDC2510CPW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
CDC2510C
3.3V PHASELOCK LOOP CLOCK DRIVER
SCAS621A − DECEMBER 1998 − REVISED DECEMBER 2004
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
TI SILICON-BASED
PLL PULLDOWN IBIS I/V
100
60
40
20
0
80
0
0.5
1
1.5
2
2.5
3
3.5
VO − Output Voltage − V
120
VCC = 3.465 V
High IDS
TA = 0°C
Imax (Intel)
VCC = 3.135 V
Low IDS
TA = 85°C
Imin (Intel)
VCC = 3.3 V
Nom IDS
TA = 25°C
Figure 14
TI SILICON-BASED
PLL PULLUP IBIS I/V
−20
−60
−80
−100
−40
0
0.5
1
1.5
2
2.5
3
3.5
VO − Output Voltage − V
0
Imax (Intel)
VCC = 3.135 V
Low IDS
TA = 85°C
Imin (Intel)
VCC = 3.3 V
Nom IDS
TA = 25°C
VCC = 3.465 V
High IDS
TA = 0°C


Similar Part No. - CDC2510CPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2510CPW TI-CDC2510CPW Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results

Similar Description - CDC2510CPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_15 Datasheet
638Kb / 15P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDC2510 TI1-CDC2510_15 Datasheet
608Kb / 13P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDC2510B TI1-CDC2510B_15 Datasheet
632Kb / 14P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
logo
Renesas Technology Corp
ICS2510C RENESAS-ICS2510C Datasheet
322Kb / 8P
   3.3V Phase-Lock Loop Clock Driver
2019
logo
Integrated Device Techn...
IDTCSPF2510C IDT-IDTCSPF2510C Datasheet
69Kb / 8P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER
logo
Integrated Circuit Syst...
ICS2510C ICST-ICS2510C Datasheet
247Kb / 7P
   3.3V Phase-Lock Loop Clock Driver
logo
Texas Instruments
CDCF2510 TI1-CDCF2510_15 Datasheet
473Kb / 15P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDC2536 TI1-CDC2536_14 Datasheet
490Kb / 15P
[Old version datasheet]   3.3V PHASE-LOCK LOOP CLOCK DRIVER
logo
Integrated Circuit Syst...
ICS2509C ICST-ICS2509C Datasheet
248Kb / 7P
   3.3V Phase-Lock Loop Clock Driver
logo
Texas Instruments
CDC2509C TI1-CDC2509C_15 Datasheet
696Kb / 17P
[Old version datasheet]   3.3V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com