Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC5806 Datasheet(PDF) 1 Page - Texas Instruments

Part # CDC5806
Description  THREE PLLs BASED CLOCK GENERATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC5806 Datasheet(HTML) 1 Page - Texas Instruments

  CDC5806 Datasheet HTML 1Page - Texas Instruments CDC5806 Datasheet HTML 2Page - Texas Instruments CDC5806 Datasheet HTML 3Page - Texas Instruments CDC5806 Datasheet HTML 4Page - Texas Instruments CDC5806 Datasheet HTML 5Page - Texas Instruments CDC5806 Datasheet HTML 6Page - Texas Instruments CDC5806 Datasheet HTML 7Page - Texas Instruments CDC5806 Datasheet HTML 8Page - Texas Instruments CDC5806 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VIDSEL
REF_IN
PLL1VDD
VIDCLK
PLL1VSS
PLL2VDD
AUDCLK
PLL2VSS
AUDSEL
MCSEL
ASICCLK
PLL3VDD
PLL3VSS
CPUCLK
PLL3VDD
PLL3VSS
USBCLK
PLL3VDD
PLL3VSS
MCCLK
PW PACKAGE
(TOP VIEW)
CDC5806
SCAS760A – MARCH 2004 – REVISED JULY 2004
THREE PLLs BASED CLOCK GENERATOR FOR DIGITAL TV APPLICATIONS
High Performance Clock Generator
The CDC5806 is a clock generator which synthesizes
video clocks, audio clocks, CPU clock, ASIC clock,
Clock Input Compatible With LVCMOS/LVTTL
USB clock, and a memory card clock from a 54-MHz
Requires a 54-MHz Input Clock to Generate
system clock.
Multiple Output Frequencies
Three
phase-locked
loops
(PLLs)
are
used
to
Low Jitter for Clock Distribution
generate the different frequencies from the system
Generates the Following Clocks:
clock. On-chip loop filters and internal feedback
– VIDCLK 74.175824 MHz/54 MHz
eliminate the need for external components.
(Buffered)
Since the CDC5806 is based on PLL circuitry, it
– AUDCLK 16.9344 MHz/12.288 MHz
requires a stabilization time to achieve phase-lock of
the PLLs. The PLL stabilization time begins after the
– CPUCLK 64 MHz
reference clock input has a stable phase and
– ASICCLK 32 MHz
frequency.
– USBCLK 48 MHz
The device operates from a single 3.3-V supply
– MCCLK 38.4 MHz/19.2 MHz/12 MHz
voltage. The CDC5806 device is characterized for
Operates From Single 3.3-V Supply
operation from -40
°C to 85°C.
Low Peak-to-Peak Period Jitter (150 ps
Max)
PLLs Are Powered Down, if No Valid REF_IN
Clock (< 5 MHz) is Detected or the
VDD is Below 2 V
PLL Loop Filter Components Integrated
Packaged in TSSOP (PW) 20-Pin Package
Industrial Temperature Range -40
°C to
85
°C Applications
Digital Television With a Memory Card
Interface
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDC5806

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC5806 TI-CDC5806 Datasheet
112Kb / 8P
[Old version datasheet]   THREE PLLs BASED CLOCK GENERATOR FOR DIGITAL TV APPLICATIONS
More results

Similar Description - CDC5806

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC5806 TI-CDC5806 Datasheet
112Kb / 8P
[Old version datasheet]   THREE PLLs BASED CLOCK GENERATOR FOR DIGITAL TV APPLICATIONS
logo
Nippon Precision Circui...
SM8707 NPC-SM8707 Datasheet
133Kb / 20P
   Clock Generator with Dual PLLs
logo
Analog Devices
AD9577 AD-AD9577 Datasheet
672Kb / 44P
   Clock Generator with Dual PLLs
REV. 0
logo
Nippon Precision Circui...
SM8707E NPC-SM8707E Datasheet
380Kb / 12P
   Clock Generator with Dual PLLs
logo
Integrated Circuit Syst...
MK2049-02 ICST-MK2049-02 Datasheet
148Kb / 12P
   Communications Clock PLLs
M906-01 ICST-M906-01 Datasheet
352Kb / 8P
   VCSO BASED GBE CLOCK GENERATOR
M902-01 ICST-M902-01 Datasheet
328Kb / 8P
   VCSO BASED GBE CLOCK GENERATOR
logo
Analog Devices
AD9577 AD-AD9577_16 Datasheet
746Kb / 44P
   Clock Generator with Dual PLLs, Spread Spectrum, and Margining
logo
List of Unclassifed Man...
FS6322-04 ETC1-FS6322-04 Datasheet
64Kb / 7P
   Three-PLL Clock Generator IC
FS6322-05 ETC1-FS6322-05 Datasheet
59Kb / 7P
   Three-PLL Clock Generator IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com