Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE421RGERG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # CDCE421RGERG4
Description  Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE421RGERG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDCE421RGERG4 Datasheet HTML 6Page - Texas Instruments CDCE421RGERG4 Datasheet HTML 7Page - Texas Instruments CDCE421RGERG4 Datasheet HTML 8Page - Texas Instruments CDCE421RGERG4 Datasheet HTML 9Page - Texas Instruments CDCE421RGERG4 Datasheet HTML 10Page - Texas Instruments CDCE421RGERG4 Datasheet HTML 11Page - Texas Instruments CDCE421RGERG4 Datasheet HTML 12Page - Texas Instruments CDCE421RGERG4 Datasheet HTML 13Page - Texas Instruments CDCE421RGERG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
CDCE421
SCAS842B – APRIL 2007 – REVISED JANUARY 2009..................................................................................................................................................... www.ti.com
Word 4:
DEFAULT
BIT
NAME
DESCRIPTION/FUNCTION
TYPE
VALUE
0
C0
Register selection
W
0
1
C1
Register selection
W
0
2
C2
Register selection
W
1
3
CALWRD
VCO calibration word, bit 0
W
0
4
CALWRD
VCO calibration word, bit 1
W
0
5
CALWRD
VCO calibration word, bit 2
W
0
6
CALWRD
VCO calibration word, bit 3
W
0
7
CALWRD
VCO calibration word, bit 4
W
0
8
CALWRD
VCO calibration word, bit 5
W
0
9
CALOVR
VCO calibration override
W
0
10
ENCAL
Enable VCO calibration
W
1
Word 5:
DEFAULT
BIT
NAME
DESCRIPTION/FUNCTION
TYPE
VALUE
0
C0
Register selection
W
1
1
C1
Register selection
W
0
2
C2
Register selection
W
1
3
TITSTCFG
TI test use, bit 0
W
0
4
TITSTCFG
TI test use, bit 1
W
0
5
TITSTCFG
TI test use, bit 2
W
0
6
TITSTCFG
TI test use, bit 3
W
0
7
Not used
W
0
8
Not used
W
0
9
Not used
W
0
10
Not used
W
0
10
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): CDCE421


Similar Part No. - CDCE421RGERG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE421RGERG4 TI-CDCE421RGERG4 Datasheet
1,003Kb / 30P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
More results

Similar Description - CDCE421RGERG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE421A TI1-CDCE421A Datasheet
815Kb / 27P
[Old version datasheet]   Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
CDCE421 TI-CDCE421 Datasheet
1,003Kb / 30P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDC421A100 TI1-CDC421A100 Datasheet
619Kb / 15P
[Old version datasheet]   Fully-Integrated, Fixed-Frequency, Low-Jitter Crystal Oscillator Clock Generator
CDC421XXX TI-CDC421XXX Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
CDC421100RGER TI1-CDC421100RGER_14 Datasheet
173Kb / 9P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
logo
Maxim Integrated Produc...
MAX3637 MAXIM-MAX3637 Datasheet
2Mb / 23P
   Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
MAX3638 MAXIM-MAX3638 Datasheet
2Mb / 22P
   Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
MAX3639 MAXIM-MAX3639 Datasheet
3Mb / 24P
   Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
logo
Asahi Kasei Microsystem...
AK8185A AKM-AK8185A Datasheet
190Kb / 12P
   Low - Jitter Clock Generator with Integrated VCO
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com