Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC337 Datasheet(PDF) 5 Page - Texas Instruments

Part # CDC337
Description  Clock Driver with 3-state output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC337 Datasheet(HTML) 5 Page - Texas Instruments

  CDC337_12 Datasheet HTML 1Page - Texas Instruments CDC337_12 Datasheet HTML 2Page - Texas Instruments CDC337_12 Datasheet HTML 3Page - Texas Instruments CDC337_12 Datasheet HTML 4Page - Texas Instruments CDC337_12 Datasheet HTML 5Page - Texas Instruments CDC337_12 Datasheet HTML 6Page - Texas Instruments CDC337_12 Datasheet HTML 7Page - Texas Instruments CDC337_12 Datasheet HTML 8Page - Texas Instruments CDC337_12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CDC337
CLOCK DRIVER
WITH 3-STATE OUTPUTS
SCAS330B – DECEMBER 1990 – REVISED OCTOBER 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
th
tsu
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
2
× VCC
Open
GND
500
500
TEST
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
S1
Open
2
× VCC
Open
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 2
× VCC
(see Note C)
Output
Waveform 2
S1 at Open
(see Note C)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
0 V
50% VCC
VOL + 0.3 V
VOH – 0.3 V
≈ 0 V
3 V
Data Input
Timing Input
1.5 V
3 V
0 V
1.5 V
1.5 V
3 V
0 V
3 V
0 V
1.5 V
1.5 V
tw
Input
VOLTAGE WAVEFORMS
VOLTAGE WAVEFORMS
VOLTAGE WAVEFORMS
VOLTAGE WAVEFORMS
tPLH
tPHL
Output
1.5 V
1.5 V
3 V
0 V
50% VCC
VOH
VOL
Input
0.8 V
2 V
tr
tf
0.8 V
2 V
≈ VCC
50% VCC
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
C. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
D. The outputs are measured one at a time with one transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - CDC337_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC337DW TI-CDC337DW Datasheet
119Kb / 8P
[Old version datasheet]   CLOCK DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - CDC337_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC337 TI-CDC337 Datasheet
119Kb / 8P
[Old version datasheet]   CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC339DBR TI-CDC339DBR Datasheet
281Kb / 13P
[Old version datasheet]   CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC339 TI-CDC339 Datasheet
105Kb / 7P
[Old version datasheet]   CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC330 TI1-CDC330 Datasheet
110Kb / 7P
[Old version datasheet]   CLOCK DRIVER WITH 3-STATE OUTPUTS
SN74AUC1G240 TI-SN74AUC1G240_10 Datasheet
476Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI-SN74LVC1G240 Datasheet
331Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
logo
Renesas Technology Corp
HD74AC367 RENESAS-HD74AC367 Datasheet
217Kb / 8P
   Hex Buffer/Driver with 3-State Output
logo
Texas Instruments
SN74AUC1G240 TI-SN74AUC1G240 Datasheet
487Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
logo
Hitachi Semiconductor
HD74AC365 HITACHI-HD74AC365 Datasheet
53Kb / 8P
   Hex Buffer/Driver with 3-State Output
logo
Texas Instruments
SN74LVC1G240 TI-SN74LVC1G240_08 Datasheet
494Kb / 14P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com