Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS16EV5110A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS16EV5110A
Description  Video Equalizer (3DC) for DVI, HDMI Source/Repeater/Sink Applications
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS16EV5110A Datasheet(HTML) 1 Page - Texas Instruments

  DS16EV5110A Datasheet HTML 1Page - Texas Instruments DS16EV5110A Datasheet HTML 2Page - Texas Instruments DS16EV5110A Datasheet HTML 3Page - Texas Instruments DS16EV5110A Datasheet HTML 4Page - Texas Instruments DS16EV5110A Datasheet HTML 5Page - Texas Instruments DS16EV5110A Datasheet HTML 6Page - Texas Instruments DS16EV5110A Datasheet HTML 7Page - Texas Instruments DS16EV5110A Datasheet HTML 8Page - Texas Instruments DS16EV5110A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
DS16EV5110A
www.ti.com
SNLS301C – JULY 2008 – REVISED APRIL 2013
Video Equalizer (3D+C) for DVI, HDMI Source/Repeater/Sink Applications
Check for Samples: DS16EV5110A
1
FEATURES
DESCRIPTION
The DS16EV5110A is a multi-channel equalizer
2
8 Levels of Equalization Settable by 3 Pins or
optimized
for
video
cable
extension
Through the SMBus Interface
Source/Repeater/Sink
Applications.
It
operates
DC-Coupled Inputs and Outputs
between 250Mbps and 2.25Gbps with common
Optimized for Operation From 250 Mbps to
applications at 1.65Gbps and 2.25Gbps (per data
channel).
It
contains
three
Transition-Minimized
2.25 Gbps in Support of UXGA, 480 I/P, 720 I/P,
Differential Signaling (TMDS) data channels and one
1080 I, and 1080 P With 8, 10, and 12-Bit Color
clock channel as specified for DVI and HDMI
Depth Resolutions
interfaces. It provides compensation for skin-effect
Two DS16EV5110A Devices Support DVI/HDMI
and dielectric losses, a common phenomenon when
Dual Link
transmitting video on commercially available high
DVI 1.0, and HDMI 1.3a Compatible TMDS
definition video cables.
Interface
The inputs conform to DVI and HDMI requirements
Clock Channel Signal Detect (LOS)
and
features
programmable
levels
of
input
equalization.
The
programmable
levels
of
Enable for Power Savings Standby Mode
equalization provide optimal signal boost and reduces
System Management Bus (SMBus) Provides
inter-symbol interference. Eight levels of boost are
Control of Boost, Output Amplitude, Enable,
selectable via a pin interface or by the optional
and Clock Channel Signal Detect Threshold
System Management Bus.
Low Power Consumption: 475mW (Typical)
The clock channel is optimized for clock rates of up to
0.13 UI Total Jitter at 1.65 Gbps Including
225 MHz and features a signal detect circuit. To
Cable
maximize
noise
immunity,
the
DS16EV5110A
features
a
signal
detector
with
programmable
Single 3.3V Power Supply
thresholds. The threshold is adjustable through a
Small 7mm x 7mm, 48-Pin Leadless WQFN
System Management Bus (SMBus) interface.
Package
The
DS16EV5110A
may
be
used
in
Source
-40°C to +85°C Operating Temperature Range
Applications, Sink Applications, or as a Repeater.
Extends TMDS Cable Reach Over:
The DS16EV5110A also provides support for system
1. > 40 Meters 24 AWG DVI Cable (1.65Gbps)
power management via output enable controls.
2. > 20 Meters 28 AWG DVI Cable (1.65Gbps)
Additional controls are provided via the SMBus
enabling customization and optimization for specific
3. >
20
Meters
Cat5/Cat5e/Cat6
Cables
applications requirements. These controls include
(1.65Gbps)
programmable features such as output amplitude and
4. >
20
Meters
28
AWG
HDMI
Cables
boost controls as well as system level diagnostics.
(2.25Gbps)
The DS16EV5110A is a pin-for-pin replacement to
the DS16EV5110. It features an enhanced CML
APPLICATIONS
output that presents a high impedance when powered
HDMI / DVI Cable Extenders
down.
HDMI / DVI Switches
Projectors
High Definition Displays
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS16EV5110A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS16EV5110A TI1-DS16EV5110A Datasheet
1Mb / 22P
[Old version datasheet]   DS16EV5110A Video Equalizer (3DC) for DVI, HDMI Source/Repeater/Sink Applications
More results

Similar Description - DS16EV5110A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS16EV5110A TI1-DS16EV5110A Datasheet
1Mb / 22P
[Old version datasheet]   DS16EV5110A Video Equalizer (3DC) for DVI, HDMI Source/Repeater/Sink Applications
DS16EV5110 TI1-DS16EV5110_15 Datasheet
3Mb / 24P
[Old version datasheet]   Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
logo
National Semiconductor ...
DS16EV5110 NSC-DS16EV5110_08 Datasheet
1Mb / 20P
   Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
logo
Texas Instruments
DS16EV5110SQ TI1-DS16EV5110SQ Datasheet
1Mb / 22P
[Old version datasheet]   DS16EV5110 Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
DS16EV5110SQ TI-DS16EV5110SQ Datasheet
3Mb / 24P
[Old version datasheet]   DS16EV5110 Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
logo
National Semiconductor ...
DS16EV5110_0706 NSC-DS16EV5110_0706 Datasheet
1Mb / 18P
   Video Equalizer for DVI, HDMI, and Cat5 Cables
logo
Maxim Integrated Produc...
MAX3815A MAXIM-MAX3815A Datasheet
1Mb / 11P
   TMDS Digital Video Equalizer for HDMI/DVI Cables
Rev 0; 7/09
MAX3815 MAXIM-MAX3815 Datasheet
322Kb / 11P
   TMDS Digital Video Equalizer for DVI/HDMI Cables
Rev 2; 2/08
logo
Analog Devices
ADV3003 AD-ADV3003 Datasheet
771Kb / 16P
   HDMI/DVI TMDS Equalizer
REV. 0
ADV3003 AD-ADV3003_17 Datasheet
766Kb / 16P
   HDMI/DVI TMDS Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com