Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-89615012A Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-89615012A
Description  EIA-485/EIA-422A Differential Bus Transceiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-89615012A Datasheet(HTML) 10 Page - Texas Instruments

Back Button 5962-89615012A Datasheet HTML 6Page - Texas Instruments 5962-89615012A Datasheet HTML 7Page - Texas Instruments 5962-89615012A Datasheet HTML 8Page - Texas Instruments 5962-89615012A Datasheet HTML 9Page - Texas Instruments 5962-89615012A Datasheet HTML 10Page - Texas Instruments 5962-89615012A Datasheet HTML 11Page - Texas Instruments 5962-89615012A Datasheet HTML 12Page - Texas Instruments 5962-89615012A Datasheet HTML 13Page - Texas Instruments 5962-89615012A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
DS16F95QML
SNOSAN0B – SEPTEMBER 2005 – REVISED APRIL 2013
www.ti.com
Figure 9. Driver Enable and Disable Times (tZL, tLZ)
(1)(2)(3)
Figure 10. Receiver Propagation Delay Times(1)(3)
Figure 11. Receiver Enable and Disable Times(1)(3)(4)
(1) The input pulse is supplied by a generator having the following characteristics: PRR = 1.0 MHz, 50% duty cycle, tr
≤ 6.0 ns, tf ≤ 6.0 ns, ZO = 50Ω.
(2) DS16F95 Driver enable is Active-High.
(3) CL includes probe and stray capacitance.
(4) All diodes are 1N916 or equivalent.
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: DS16F95QML


Similar Part No. - 5962-89615012A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5962-89615012A NSC-5962-89615012A Datasheet
274Kb / 14P
   EIA-485/EIA-422A Differential Bus Transceiver
More results

Similar Description - 5962-89615012A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS16F95QML NSC-DS16F95QML Datasheet
745Kb / 16P
   EIA-485/EIA-422A Differential Bus Transceiver
DS16F95 NSC-DS16F95 Datasheet
274Kb / 14P
   EIA-485/EIA-422A Differential Bus Transceiver
logo
Texas Instruments
DS16F95 TI1-DS16F95_16 Datasheet
309Kb / 16P
[Old version datasheet]   DS16F95, DS36F95 EIA-485/EIA-422A Differential Bus Transceiver
logo
National Semiconductor ...
DS16F95A NSC-DS16F95A Datasheet
363Kb / 10P
   TIA/EIA-485-A (RS-485) Extended Temperature Differential Bus Transceiver
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
Texas Instruments
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F173MQML TI1-DS96F173MQML_13 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com