Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5641AKS Datasheet(PDF) 9 Page - Analog Devices

Part # AD5641AKS
Description  2.7 V to 5.5 V, <100 uA, 14-Bit nanoDAC D/A in SC70 Package
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5641AKS Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5641AKS Datasheet HTML 5Page - Analog Devices AD5641AKS Datasheet HTML 6Page - Analog Devices AD5641AKS Datasheet HTML 7Page - Analog Devices AD5641AKS Datasheet HTML 8Page - Analog Devices AD5641AKS Datasheet HTML 9Page - Analog Devices AD5641AKS Datasheet HTML 10Page - Analog Devices AD5641AKS Datasheet HTML 11Page - Analog Devices AD5641AKS Datasheet HTML 12Page - Analog Devices AD5641AKS Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Preliminary Technical Data
AD5641
Rev. PrC | Page 9 of 20
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
–15
–10
–5
0
5
10
15
I(mA)
DAC LOADED WITH FF CODE
VDD = 5V
TA = 25°C
DAC LOADED WITH 00 CODE
Figure 10. Source and Sink Current Capability
Figure 11. Supply Current vs. Temperature
Figure 12. Full-Scale Settling Time
Figure 13. Supply Current vs. Code
Figure 14. Supply Current vs. Supply Voltage
Figure 15. Half-Scale Settling Time


Similar Part No. - AD5641AKS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5641AKSZ-500RL7 AD-AD5641AKSZ-500RL7 Datasheet
504Kb / 20P
   SPI Interface in LFCSP and SC70
REV. D
AD5641AKSZ-REEL7 AD-AD5641AKSZ-REEL7 Datasheet
504Kb / 20P
   SPI Interface in LFCSP and SC70
REV. D
More results

Similar Description - AD5641AKS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5601 AD-AD5601 Datasheet
599Kb / 20P
   2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
Rev. PrC
AD5611 AD-AD5611_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5621 AD-AD5621_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601_13 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5621AKSZ AD-AD5621AKSZ Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5663 AD-AD5663 Datasheet
730Kb / 24P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output, Dual 16-Bit nanoDAC
REV. 0
AD5601 AD-AD5601_12 Datasheet
541Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Rev. F
AD5602 AD-AD5602 Datasheet
563Kb / 24P
   2.7 V to 5.5 V, <100 uA, 8-/10-/12-Bit nanoDACs with
REV. B
AD5662 AD-AD5662 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com