Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5660BRJ-3 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5660BRJ-3
Description  3 V/5 V, 16-Bit nanoDACTM D/A with 10 ppm/째C Max On-Chip Reference in SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5660BRJ-3 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5660BRJ-3 Datasheet HTML 2Page - Analog Devices AD5660BRJ-3 Datasheet HTML 3Page - Analog Devices AD5660BRJ-3 Datasheet HTML 4Page - Analog Devices AD5660BRJ-3 Datasheet HTML 5Page - Analog Devices AD5660BRJ-3 Datasheet HTML 6Page - Analog Devices AD5660BRJ-3 Datasheet HTML 7Page - Analog Devices AD5660BRJ-3 Datasheet HTML 8Page - Analog Devices AD5660BRJ-3 Datasheet HTML 9Page - Analog Devices AD5660BRJ-3 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD5660
Preliminary Technical Data
Rev. PrJ Page 6 of 20
Parameter
A Grade
B Grade
C Grade
Unit
B Version 4
Conditions/Comments
POWER REQUIREMENTS
VDD
2.7
2.7
2.7
V min
All Digital Inputs at 0 V or VDD
3.6
3.6
3.6
V max
DAC Active and Excluding
IDD (Normal Mode)
Load Current
VDD = 2.7 V to 3.6 V
0.5
0.5
0.5
mA typ
VIH = VDD and VIL = GND
VDD = 2.7 V to 3.6 V
1
1
1
mA max
VIH = VDD and VIL = GND
IDD (All Power-Down Modes)
VDD = 2.7 V to 3.6 V
0.2
0.2
0.2
µA typ
VIH = VDD and VIL = GND
VDD = 2.7 V to 3.6 V
1
1
1
µA max
VIH = VDD and VIL = GND
POWER EFFICIENCY
IOUT/IDD
ILOAD = 2 mA, VDD = 3 V
4 Temperature ranges are as follows: B Version: -40°C to +105°C, typical at 25°C.
5 Linearity calculated using a reduced code range of 485 to 64714. Output unloaded.
6 Guaranteed by design and characterization, not production tested.


Similar Part No. - AD5660BRJ-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5660BRJ-3500RL7 AD-AD5660BRJ-3500RL7 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5660BRJ-3REEL7 AD-AD5660BRJ-3REEL7 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
More results

Similar Description - AD5660BRJ-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5629R AD-AD5629R Datasheet
1Mb / 32P
   Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference
REV. B
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5627R AD-AD5627R_07 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
REV. 0
AD5680 AD-AD5680_15 Datasheet
460Kb / 20P
   5 V 18-Bit nanoDAC in a SOT-23
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com