Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCVF857 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF857
Description  2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF857 Datasheet(HTML) 1 Page - Texas Instruments

  CDCVF857 Datasheet HTML 1Page - Texas Instruments CDCVF857 Datasheet HTML 2Page - Texas Instruments CDCVF857 Datasheet HTML 3Page - Texas Instruments CDCVF857 Datasheet HTML 4Page - Texas Instruments CDCVF857 Datasheet HTML 5Page - Texas Instruments CDCVF857 Datasheet HTML 6Page - Texas Instruments CDCVF857 Datasheet HTML 7Page - Texas Instruments CDCVF857 Datasheet HTML 8Page - Texas Instruments CDCVF857 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
CDCVF857
SCAS047F – MARCH 2003 – REVISED MAY 2007
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
• Spread-Spectrum Clock Compatible
The CDCVF857 is a high-performance, low-skew,
low-jitter,
zero-delay
buffer
that
distributes
a
• Operating Frequency: 60 MHz to 220 MHz
differential clock input pair (CLK, CLK) to 10
• Low Jitter (Cycle-Cycle): ±35 ps
differential pairs of clock outputs (Y[0:9], Y[0:9]) and
• Low Static Phase Offset: ±50 ps
one differential pair of feedback clock outputs
• Low Jitter (Period): ±30 ps
(FBOUT, FBOUT). The clock outputs are controlled
by the clock inputs (CLK, CLK), the feedback clocks
• 1-to-10 Differential Clock Distribution (SSTL2)
(FBIN, FBIN), and the analog power input (AVDD).
• Best in Class for V
OX = VDD/2 ±0.1 V
When PWRDWN is high, the outputs switch in phase
• Operates From Dual 2.6-V or 2.5-V Supplies
and frequency with CLK. When PWRDWN is low, all
outputs are disabled to a high-impedance state
• Available in a 40-Pin MLF Package, 48-Pin
(3-state) and the PLL is shut down (low-power
TSSOP Package, 56-Ball MicroStar Junior™
mode). The device also enters this low-power mode
BGA Package
when the input frequency falls below a suggested
• Consumes < 100-µA Quiescent Current
detection frequency that is below 20 MHz (typical 10
MHz). An input frequency detection circuit detects
• External Feedback Pins (FBIN, FBIN) Are Used
the low frequency condition and, after applying a
to Synchronize the Outputs to the Input
>20-MHz input signal, this detection circuit turns the
Clocks
PLL on and enables the outputs.
• Meets/Exceeds JEDEC Standard (JESD82-1)
When AVDD is strapped low, the PLL is turned off
For DDRI-200/266/333 Specification
and bypassed for test purposes. The CDCVF857 is
• Meets/Exceeds Proposed DDRI-400
also able to track spread spectrum clocking for
Specification (JESD82-1A)
reduced EMI.
• Enters Low-Power Mode When No CLK Input
Because the CDCVF857 is based on PLL circuitry, it
Signal Is Applied or PWRDWN Is Low
requires a stabilization time to achieve phase-lock of
the PLL. This stabilization time is required following
power up. The CDCVF857 is characterized for both
• DDR Memory Modules (DDR400/333/266/200)
commercial and industrial temperature ranges.
• Zero-Delay Fan-Out Buffer
A
A
AVAILABLE OPTIONS
TA
TSSOP (DGG)
40-Pin MLF
56-Ball BGA(1)
–40
°C to 85°C
CDCVF857DGG
CDCVF857RTB
CDCVF857GQL
–40
°C to 85°C
CDCVF857RHA
CDCVF857ZQL
(1)
Maximum load recommended is 12 pf for 200 MHz. At 12-pf load, maximum TA allowed is 70°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
MicroStar Junior is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCVF857

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF857 TI-CDCVF857 Datasheet
475Kb / 19P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF857 TI1-CDCVF857 Datasheet
1Mb / 23P
[Old version datasheet]   2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF857DGG TI-CDCVF857DGG Datasheet
475Kb / 19P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF857DGG TI1-CDCVF857DGG Datasheet
1Mb / 23P
[Old version datasheet]   2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF857DGGG4 TI-CDCVF857DGGG4 Datasheet
475Kb / 19P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
More results

Similar Description - CDCVF857

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF855 TI-CDCVF855 Datasheet
241Kb / 14P
[Old version datasheet]   2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF857 TI1-CDCVF857_17 Datasheet
1Mb / 23P
[Old version datasheet]   2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF855 TI1-CDCVF855_16 Datasheet
793Kb / 16P
[Old version datasheet]   2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF2505-Q1 TI1-CDCVF2505-Q1 Datasheet
225Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCKED LOOP CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
   Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2502A PERICOM-PI6C2502A Datasheet
276Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2501 PERICOM-PI6C2501 Datasheet
235Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2401 PERICOM-PI6C2401 Datasheet
71Kb / 4P
   Phase-Locked Loop Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com