Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCVF2509PWG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF2509PWG4
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF2509PWG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCVF2509PWG4 Datasheet HTML 4Page - Texas Instruments CDCVF2509PWG4 Datasheet HTML 5Page - Texas Instruments CDCVF2509PWG4 Datasheet HTML 6Page - Texas Instruments CDCVF2509PWG4 Datasheet HTML 7Page - Texas Instruments CDCVF2509PWG4 Datasheet HTML 8Page - Texas Instruments CDCVF2509PWG4 Datasheet HTML 9Page - Texas Instruments CDCVF2509PWG4 Datasheet HTML 10Page - Texas Instruments CDCVF2509PWG4 Datasheet HTML 11Page - Texas Instruments CDCVF2509PWG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
120
100
80
0
60
40
20
fc − Clock Frequency at FBOUT − MHz
140
50
75
100
125
150
175
200
VCC = 3.3 V
C(LY) = 25 pF || 500 Ω
C(LF) = 12 pF || 500 Ω
TA = 25°C
See Notes C and D
Cycle to Cycle
25
15
10
5
0
20
0
25
50
75
100
125
150
175
AVCC = VCC = 3.6 V
Bias = 0/3 V
C(LY) = 25 pF || 500 Ω
C(LF) = 12 pF || 500 Ω
TA = 25°C
See Notes A and B
fc − Clock Frequency − MHz
200
250
150
100
50
0
200
fc − Clock Frequency − MHz
0
25
50
75
100
125
150
175
200
AVCC = VCC = 3.6 V
Bias = 0/3 V
C(LY) = 25 pF || 500 Ω
C(LF) = 12 pF || 500 Ω
TA = 25°C
See Notes A and B
NOT RECOMMENDED FOR NEW DESIGNS, USE CDCVF2509A AS A REPLACEMENT
CDCVF2509
SCAS737D – APRIL 2004 – REVISED FEBRUARY 2010
www.ti.com
JITTER
ANALOG SUPPLY CURRENT
vs
vs
CLOCK FREQUENCY AT FBOUT
CLOCK FREQUENCY
Figure 7.
Figure 8.
SUPPLY CURRENT
vs
CLOCK FREQUENCY
Figure 9.
a. Trace length FBOUT to FBIN = 5 mm, ZO = 50 Ω
b. C(LY) = Lumped capacitive load Y1-n
c. C(LFx) = Lumped feedback capacitance at FBOUT = FBIN
d. C(LFx) = Lumped feedback capacitance at FBOUT = FBIN.
8
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): CDCVF2509


Similar Part No. - CDCVF2509PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF2509PW TI-CDCVF2509PW Datasheet
144Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2509PWR TI-CDCVF2509PWR Datasheet
144Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results

Similar Description - CDCVF2509PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC509 TI1-CDC509_15 Datasheet
612Kb / 13P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2509B HITACHI-HD74CDC2509B Datasheet
42Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDC2509B TI-CDC2509B Datasheet
147Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com