Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCVF2510PW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF2510PW
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF2510PW Datasheet(HTML) 1 Page - Texas Instruments

  CDCVF2510PW Datasheet HTML 1Page - Texas Instruments CDCVF2510PW Datasheet HTML 2Page - Texas Instruments CDCVF2510PW Datasheet HTML 3Page - Texas Instruments CDCVF2510PW Datasheet HTML 4Page - Texas Instruments CDCVF2510PW Datasheet HTML 5Page - Texas Instruments CDCVF2510PW Datasheet HTML 6Page - Texas Instruments CDCVF2510PW Datasheet HTML 7Page - Texas Instruments CDCVF2510PW Datasheet HTML 8Page - Texas Instruments CDCVF2510PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
CLK
AVCC
VCC
1Y9
1Y8
GND
GND
1Y7
1Y6
1Y5
VCC
FBIN
1
2
3
4
5
6
7
8
9
10
11
12
AGND
VCC
1Y0
1Y1
1Y2
GND
GND
1Y3
1Y4
VCC
G
FBOUT
24
23
22
21
20
19
18
17
16
15
14
13
PW PACKAGE
(TOP VIEW)
NOT RECOMMENDED
FOR NEW DESIGNS
USE CDCVF2510A AS
A REPLACEMENT
DESCRIPTION
CDCVF2510
SCAS638C – JULY 2001 – REVISED APRIL 2006
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
Designed to Meet and Exceed PC133 SDRAM
Registered DIMM Specification Rev. 1.1
Spread Spectrum Clock Compatible
Operating Frequency 50 MHz to 175 MHz
Static Phase Error Distribution at 66 MHz to
166 MHz Is ±125 ps
Jitter (cyc - cyc) at 66 MHz to 166 MHz
Is |70| ps
Advanced Deep Submicron Process Results
in More Than 40% Lower Power Consumption
Versus Current Generation PC133 Devices
Available in Plastic 24-Pin TSSOP
Phase-Lock Loop Clock Distribution for
Synchronous DRAM Applications
Distributes One Clock Input to One Bank of
10 Outputs
External Feedback (FBIN) Terminal Is Used to
Synchronize the Outputs to the Clock Input
25-
Ω On-Chip Series Damping Resistors
No External RC Network Required
Operates at 3.3 V
The CDCVF2510 is a high-performance, low-skew, low-jitter, phase-lock loop (PLL) clock driver. It uses a
phase-lock loop (PLL) to precisely align, in both frequency and phase, the feedback (FBOUT) output to the clock
(CLK) input signal. It is specifically designed for use with synchronous DRAMs. The CDCVF2510 operates at a
3.3-V VCC. It also provides integrated series-damping resistors that make it ideal for driving point-to-point loads.
One bank of 10 outputs provides 10 low-skew, low-jitter copies of CLK. Output signal duty cycles are adjusted to
50%, independent of the duty cycle at CLK. Outputs are enabled or disabled via the control (G) input. When the
G input is high, the outputs switch in phase and frequency with CLK; when the G input is low, the outputs are
disabled to the logic-low state.
Unlike many products containing PLLs, the CDCVF2510 does not require external RC networks. The loop filter
for the PLL is included on-chip, minimizing component count, board space, and cost.
Because it is based on PLL circuitry, the CDCVF2510 requires a stabilization time to achieve phase lock of the
feedback signal to the reference signal. This stabilization time is required following power up and application of a
fixed-frequency, a fixed-phase signal at CLK, or following any changes to the PLL reference or feedback signals.
The PLL can be bypassed for test purposes by strapping AVCC to ground.
The CDCVF2510 is characterized for operation from 0°C to 85°C.
For application information see the application reports High Speed Distribution Design Techniques for
CDC509/516/2509/2510/2516 (SLMA003) and Using CDC2509A/2510A PLL With Spread Spectrum Clocking
(SSC) (SCAA039).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCVF2510PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF2510PW TI-CDCVF2510PW Datasheet
144Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2510PW TI1-CDCVF2510PW Datasheet
764Kb / 16P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2510PWG4 TI1-CDCVF2510PWG4 Datasheet
764Kb / 16P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2510PWR TI1-CDCVF2510PWR Datasheet
764Kb / 16P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2510PWRG4 TI1-CDCVF2510PWRG4 Datasheet
764Kb / 16P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results

Similar Description - CDCVF2510PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC509 TI1-CDC509_15 Datasheet
612Kb / 13P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2509B HITACHI-HD74CDC2509B Datasheet
42Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDC2509B TI-CDC2509B Datasheet
147Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com