Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8SBR9LVA8 Datasheet(PDF) 1 Page - Texas Instruments

Part # COP8SBR9LVA8
Description  8-Bit CMOS Flash Based Microcontroller with 32k Memory
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8SBR9LVA8 Datasheet(HTML) 1 Page - Texas Instruments

  COP8SBR9LVA8 Datasheet HTML 1Page - Texas Instruments COP8SBR9LVA8 Datasheet HTML 2Page - Texas Instruments COP8SBR9LVA8 Datasheet HTML 3Page - Texas Instruments COP8SBR9LVA8 Datasheet HTML 4Page - Texas Instruments COP8SBR9LVA8 Datasheet HTML 5Page - Texas Instruments COP8SBR9LVA8 Datasheet HTML 6Page - Texas Instruments COP8SBR9LVA8 Datasheet HTML 7Page - Texas Instruments COP8SBR9LVA8 Datasheet HTML 8Page - Texas Instruments COP8SBR9LVA8 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 104 page
background image
COP8SBR9, COP8SCR9, COP8SDR9
www.ti.com
SNOS537I – JUNE 2000 – REVISED MARCH 2013
COP8SBR9/COP8SCR9/COP8SDR9 8-Bit CMOS Flash Based Microcontroller with 32k
Memory, Virtual EEPROM and Brownout
Check for Samples: COP8SBR9, COP8SCR9, COP8SDR9
1
Introduction
1.1
FEATURES
123
– Thirteen Multi-Source Vectored Interrupts
• KEY FEATURES
Servicing:
– 32 kbytes Flash Program Memory with
External Interrupt
Security Feature
USART (2)
– Virtual EEPROM using Flash Program
Memory
Idle Timer T0
– 1 kbyte Volatile RAM
Three Timers (Each with 2 Interrupts)
– USART with on Chip Baud Generator
MICROWIRE/PLUS Serial Peripheral
Interface
– 2.7V–5.5V In-System Programmability of
Flash
Multi-Input Wake-Up
– High Endurance - 100k Read/Write Cycles
Software Trap
– Superior Data Retention - 100 years
– Idle Timer with Programmable Interrupt
Interval
– Dual Clock Operation with HALT/IDLE Power
Save Modes
– 8-bit Stack Pointer SP (Stack in RAM)
– Three 16-bit Timers:
– Two 8-bit Register Indirect Data Memory
Pointers
Timers T2 and T3 can Operate at High
Speed (50 ns Resolution)
– True Bit Manipulation
Processor Independent PWM mode
– WATCHDOG and Clock Monitor logic
External Event counter mode
– Software Selectable I/O Options
Input Capture mode
TRI-STATE Output/High Impedance Input
– Brown-out Reset (COP8SBR9/SCR9)
Push-Pull Output
• OTHER FEATURES
Weak Pull Up Input
– Single Supply Operation: 2.7V–5.5V
– Schmitt Trigger Inputs on I/O Ports
– Quiet Design (Low Radiated Emissions)
– High Current I/Os
– Multi-Input Wake-up with Optional Interrupts
– Temperature Range: –40°C to +85°C and
–40°C to +125°C (COP8SCR9/SDR9)
– MICROWIRE/PLUS (Serial Peripheral
Interface Compatible)
– Packaging: 44 and 68 PLCC, 44 WQFN, 48
and 56 TSSOP
– Clock Doubler
– True In-System, Real Time Emulation and
20 MHz Operation from 10 MHz Oscillator,
Debug Offered by MetaLink's Development
with 0.5
μs Instruction Cycle
Systemstools Available
6.67 MHz operation from 3.33 MHz
oscillator with 1.5
μs instruction cycle
(COP8SBR9)
1.2
DESCRIPTION
The COP8SBR9/SCR9/SDR9 Flash based microcontrollers are highly integrated COP8™ Feature core
devices, with 32k Flash memory and advanced features including Virtual EEPROM, High Speed Timers,
USART, and Brownout Reset. This single-chip CMOS device is suited for applications requiring a full
featured, in-system reprogrammable controller with large memory and low EMI. The same device is used
for development, pre-production and volume production with a range of COP8 software and hardware
development tools.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
COP8 is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2000–2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - COP8SBR9LVA8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SBR9LVA8 NSC-COP8SBR9LVA8 Datasheet
972Kb / 80P
   8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
More results

Similar Description - COP8SBR9LVA8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
COP8CBR9 TI1-COP8CBR9_15 Datasheet
2Mb / 111P
[Old version datasheet]   8-Bit CMOS Flash Microcontroller with 32k Memory
logo
National Semiconductor ...
COP8SBR9 NSC-COP8SBR9 Datasheet
972Kb / 80P
   8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
logo
Texas Instruments
COP8CBR9 TI1-COP8CBR9_14 Datasheet
2Mb / 112P
[Old version datasheet]   COP8CBR9/COP8CCR9/COP8CDR9 8-Bit CMOS Flash Microcontroller with 32k Memory
logo
Microchip Technology
PIC16F628-20P MICROCHIP-PIC16F628-20P Datasheet
4Mb / 170P
   FLASH-Based 8-Bit CMOS Microcontroller
12/05/02
PIC1F628 MICROCHIP-PIC1F628 Datasheet
4Mb / 170P
   FLASH-Based 8-Bit CMOS Microcontroller
2003
logo
Texas Instruments
COP8SBR9 TI1-COP8SBR9_14 Datasheet
1Mb / 105P
[Old version datasheet]   COP8SBR9/COP8SCR9/COP8SDR9 8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
logo
Microchip Technology
PIC16F5X MICROCHIP-PIC16F5X Datasheet
1Mb / 90P
   Flash-Based, 8-Bit CMOS Microcontroller Series
2004
PIC16F5X MICROCHIP-PIC16F5X_07 Datasheet
1Mb / 88P
   Flash-Based, 8-Bit CMOS Microcontroller Series
2007
PIC16F57-I-P MICROCHIP-PIC16F57-I-P Datasheet
1Mb / 88P
   Flash-Based, 8-Bit CMOS Microcontroller Series
12/08/06
logo
ATMEL Corporation
AT89C51RC ATMEL-AT89C51RC Datasheet
246Kb / 37P
   8-bit Microcontroller with 32K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com