Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD17575Q3 Datasheet(PDF) 8 Page - Texas Instruments

Part # CSD17575Q3
Description  30V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17575Q3 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CSD17575Q3_16 Datasheet HTML 4Page - Texas Instruments CSD17575Q3_16 Datasheet HTML 5Page - Texas Instruments CSD17575Q3_16 Datasheet HTML 6Page - Texas Instruments CSD17575Q3_16 Datasheet HTML 7Page - Texas Instruments CSD17575Q3_16 Datasheet HTML 8Page - Texas Instruments CSD17575Q3_16 Datasheet HTML 9Page - Texas Instruments CSD17575Q3_16 Datasheet HTML 10Page - Texas Instruments CSD17575Q3_16 Datasheet HTML 11Page - Texas Instruments CSD17575Q3_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CSD17575Q3
SLPS489A – JUNE 2014 – REVISED AUGUST 2014
www.ti.com
7 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
7.1 Q3 Package Dimensions
MILLIMETERS
INCHES
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
0.950
1.000
1.100
0.037
0.039
0.043
A1
0.000
0.000
0.050
0.000
0.000
0.002
b
0.280
0.340
0.400
0.011
0.013
0.016
b1
0.310 NOM
0.012 NOM
c
0.150
0.200
0.250
0.006
0.008
0.010
D
3.200
3.300
3.400
0.126
0.130
0.134
D2
1.650
1.750
1.800
0.065
0.069
0.071
d
0.150
0.200
0.250
0.006
0.008
0.010
d1
0.300
0.350
0.400
0.012
0.014
0.016
E
3.200
3.300
3.400
0.126
0.130
0.134
E2
2.350
2.450
2.550
0.093
0.096
0.100
e
0.650 TYP
0.026
H
0.35
0.450
0.550
0.014
0.018
0.022
K
0.650 TYP
0.026 TYP
L
0.35
0.450
0.550
0.014
0.018
0.022
L1
0
0
0
0
θ
0
0
0
0
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: CSD17575Q3


Similar Part No. - CSD17575Q3_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17575Q3 TI-CSD17575Q3_15 Datasheet
961Kb / 15P
[Old version datasheet]   CSD17575Q3 30-V N-Channel NexFET Power MOSFET
More results

Similar Description - CSD17575Q3_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17311Q5 TI-CSD17311Q5_1 Datasheet
374Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17313Q2 TI-CSD17313Q2 Datasheet
327Kb / 9P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17577Q5A TI1-CSD17577Q5A_16 Datasheet
373Kb / 13P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17559Q5 TI1-CSD17559Q5_16 Datasheet
414Kb / 12P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI-CSD17313Q2Q1 Datasheet
312Kb / 10P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17303Q5 TI-CSD17303Q5 Datasheet
369Kb / 9P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17311Q5 TI-CSD17311Q5 Datasheet
374Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17312Q5 TI1-CSD17312Q5_11 Datasheet
522Kb / 11P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17312Q5 TI-CSD17312Q5 Datasheet
373Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17313Q2_1010 TI-CSD17313Q2_1010 Datasheet
323Kb / 9P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com