Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD18509Q5B Datasheet(PDF) 8 Page - Texas Instruments

Part # CSD18509Q5B
Description  N-Channel NexFET Power MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18509Q5B Datasheet(HTML) 8 Page - Texas Instruments

Back Button CSD18509Q5B_16 Datasheet HTML 4Page - Texas Instruments CSD18509Q5B_16 Datasheet HTML 5Page - Texas Instruments CSD18509Q5B_16 Datasheet HTML 6Page - Texas Instruments CSD18509Q5B_16 Datasheet HTML 7Page - Texas Instruments CSD18509Q5B_16 Datasheet HTML 8Page - Texas Instruments CSD18509Q5B_16 Datasheet HTML 9Page - Texas Instruments CSD18509Q5B_16 Datasheet HTML 10Page - Texas Instruments CSD18509Q5B_16 Datasheet HTML 11Page - Texas Instruments CSD18509Q5B_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Top View
c1
E1
Side View
Bottom View
Front View
L
K
H
d1
d2
CSD18509Q5B
SLPS476 – JUNE 2014
www.ti.com
7 Mechanical, Packaging, and Orderable Information
The following pages include mechanical packaging and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
7.1 Q5B Package Dimensions
MILLIMETERS
DIM
MIN
NOM
MAX
A
0.80
1.00
1.05
b
0.36
0.41
0.46
c
0.15
0.20
0.25
c1
0.15
0.20
0.25
c2
0.20
0.25
0.30
D1
4.90
5.00
5.10
D2
4.12
4.22
4.32
D3
3.90
4.00
4.10
d
0.20
0.25
0.30
d1
0.085 TYP
d2
0.319
0.369
0.419
E
4.90
5.00
5.10
E1
5.90
6.00
6.10
E2
3.48
3.58
3.68
e
1.27 TYP
H
0.36
0.46
0.56
L
0.46
0.56
0.66
L1
0.57
0.67
0.77
θ
K
1.40 TYP
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: CSD18509Q5B


Similar Part No. - CSD18509Q5B_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18509Q5B TI-CSD18509Q5B_15 Datasheet
974Kb / 15P
[Old version datasheet]   CSD18509Q5B N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD18509Q5B_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16407Q5 TI1-CSD16407Q5 Datasheet
340Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD17551Q3A TI1-CSD17551Q3A_16 Datasheet
779Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD17552Q3A TI1-CSD17552Q3A_16 Datasheet
776Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16323Q3C TI1-CSD16323Q3C Datasheet
387Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16342Q5A TI-CSD16342Q5A Datasheet
2Mb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com