Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD18509Q5B Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18509Q5B
Description  N-Channel NexFET Power MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18509Q5B Datasheet(HTML) 3 Page - Texas Instruments

  CSD18509Q5B Datasheet HTML 1Page - Texas Instruments CSD18509Q5B Datasheet HTML 2Page - Texas Instruments CSD18509Q5B Datasheet HTML 3Page - Texas Instruments CSD18509Q5B Datasheet HTML 4Page - Texas Instruments CSD18509Q5B Datasheet HTML 5Page - Texas Instruments CSD18509Q5B Datasheet HTML 6Page - Texas Instruments CSD18509Q5B Datasheet HTML 7Page - Texas Instruments CSD18509Q5B Datasheet HTML 8Page - Texas Instruments CSD18509Q5B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CSD18509Q5B
www.ti.com
SLPS476 – JUNE 2014
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-Source Voltage
VGS = 0 V, ID = 250 μA
40
V
IDSS
Drain-to-Source Leakage Current
VGS = 0 V, VDS = 32 V
1
μA
IGSS
Gate-to-Source Leakage Current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, ID = 250 μA
1.4
1.8
2.2
V
VGS = 4.5 V, ID = 32 A
1.3
1.7
m
RDS(on)
Drain-to-Source On Resistance
VGS = 10 V, ID = 32 A
1
1.2
m
gfs
Transconductance
VDS = 4 V, ID = 32 A
180
S
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
10700
13900
pF
Coss
Output Capacitance
VGS = 0 V, VDS = 20 V, ƒ = 1 MHz
821
1070
pF
Crss
Reverse Transfer Capacitance
272
354
pF
RG
Series Gate Resistance
0.8
1.6
Qg
Gate Charge Total (4.5 V)
70
91
nC
Qg
Gate Charge Total (10 V)
150
195
nC
Qgd
Gate Charge Gate-to-Drain
VDS = 20 V, ID = 32 A
17
nC
Qgs
Gate Charge Gate-to-Source
29
nC
Qg(th)
Gate Charge at Vth
18
nC
Qoss
Output Charge
VDS = 20 V, VGS = 0 V
39
nC
td(on)
Turn On Delay Time
9
ns
tr
Rise Time
19
ns
VDS = 20 V, VGS = 10 V,
IDS = 32 A, RG = 0 Ω
td(off)
Turn Off Delay Time
57
ns
tf
Fall Time
11
ns
DIODE CHARACTERISTICS
VSD
Diode Forward Voltage
ISD = 32 A, VGS = 0 V
0.8
1
V
Qrr
Reverse Recovery Charge
40
nC
VDS= 20 V, IF = 32 A,
di/dt = 300 A/
μs
trr
Reverse Recovery Time
23
ns
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-Case Thermal Resistance(1)
0.8
°C/W
RθJA
Junction-to-Ambient Thermal Resistance (1)(2)
50
(1)
RθJC is determined with the device mounted on a 1-inch
2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu pad on a 1.5-inches × 1.5-inches (3.81-
cm × 3.81-cm), 0.06-inch (1.52-mm) thick FR4 PCB. RθJC is specified by design, whereas RθJA is determined by the user’s board
design.
(2)
Device mounted on FR4 material with 1-inch2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD18509Q5B


Similar Part No. - CSD18509Q5B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18509Q5B TI-CSD18509Q5B_15 Datasheet
974Kb / 15P
[Old version datasheet]   CSD18509Q5B N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD18509Q5B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16407Q5 TI1-CSD16407Q5 Datasheet
340Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD17551Q3A TI1-CSD17551Q3A_16 Datasheet
779Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD17552Q3A TI1-CSD17552Q3A_16 Datasheet
776Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16323Q3C TI1-CSD16323Q3C Datasheet
387Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16342Q5A TI-CSD16342Q5A Datasheet
2Mb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com