Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD18531Q5A Datasheet(PDF) 8 Page - Texas Instruments

Part # CSD18531Q5A
Description  60V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18531Q5A Datasheet(HTML) 8 Page - Texas Instruments

Back Button CSD18531Q5A_16 Datasheet HTML 4Page - Texas Instruments CSD18531Q5A_16 Datasheet HTML 5Page - Texas Instruments CSD18531Q5A_16 Datasheet HTML 6Page - Texas Instruments CSD18531Q5A_16 Datasheet HTML 7Page - Texas Instruments CSD18531Q5A_16 Datasheet HTML 8Page - Texas Instruments CSD18531Q5A_16 Datasheet HTML 9Page - Texas Instruments CSD18531Q5A_16 Datasheet HTML 10Page - Texas Instruments CSD18531Q5A_16 Datasheet HTML 11Page - Texas Instruments CSD18531Q5A_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
q
L1
E1
E
q
Top View
Front View
Side View
M0135-01
L
H
E2
K
Bottom View
CSD18531Q5A
SLPS321E – JUNE 2012 – REVISED AUGUST 2015
www.ti.com
7 Mechanical Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
7.1 Q5A Package Dimensions
MILLIMETERS
DIM
MIN
NOM
MAX
A
0.90
1.00
1.10
b
0.33
0.41
0.51
c
0.20
0.25
0.34
D1
4.80
4.90
5.00
D2
3.61
3.81
4.02
E
5.90
6.00
6.10
E1
5.70
5.75
5.80
E2
3.38
3.58
3.78
e
1.17
1.27
1.37
H
0.41
0.56
0.71
K
1.10
L
0.51
0.61
0.71
L1
0.06
0.13
0.20
θ
12°
8
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: CSD18531Q5A


Similar Part No. - CSD18531Q5A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18531Q5A TI1-CSD18531Q5A_12 Datasheet
1Mb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
More results

Similar Description - CSD18531Q5A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18542KCS TI1-CSD18542KCS Datasheet
468Kb / 11P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18534Q5A TI1-CSD18534Q5A_16 Datasheet
420Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18533Q5A TI1-CSD18533Q5A_16 Datasheet
822Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18531Q5A TI1-CSD18531Q5A Datasheet
699Kb / 10P
[Old version datasheet]   60V N-Channel NexFET??Power MOSFETs
CSD18540Q5B TI1-CSD18540Q5B_16 Datasheet
438Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18532Q5B TI1-CSD18532Q5B_16 Datasheet
877Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_16 Datasheet
699Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18540Q5B TI-CSD18540Q5B_15 Datasheet
974Kb / 15P
[Old version datasheet]   CSD18540Q5B 60V N-Channel NexFET Power MOSFETs
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com