Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD18533Q5A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18533Q5A
Description  60V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18533Q5A Datasheet(HTML) 2 Page - Texas Instruments

  CSD18533Q5A Datasheet HTML 1Page - Texas Instruments CSD18533Q5A Datasheet HTML 2Page - Texas Instruments CSD18533Q5A Datasheet HTML 3Page - Texas Instruments CSD18533Q5A Datasheet HTML 4Page - Texas Instruments CSD18533Q5A Datasheet HTML 5Page - Texas Instruments CSD18533Q5A Datasheet HTML 6Page - Texas Instruments CSD18533Q5A Datasheet HTML 7Page - Texas Instruments CSD18533Q5A Datasheet HTML 8Page - Texas Instruments CSD18533Q5A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CSD18533Q5A
SLPS388B – SEPTEMBER 2012 – REVISED JANUARY 2015
www.ti.com
Table of Contents
6.1
Trademarks ............................................................... 7
1
Features .................................................................. 1
6.2
Electrostatic Discharge Caution ................................ 7
2
Applications ........................................................... 1
6.3
Glossary .................................................................... 7
3
Description ............................................................. 1
7
Mechanical, Packaging, and Orderable
4
Revision History..................................................... 2
Information ............................................................. 8
5
Specifications......................................................... 3
7.1
Q5A Package Dimensions ........................................ 8
5.1
Electrical Characteristics........................................... 3
7.2
Recommended PCB Pattern..................................... 9
5.2
Thermal Information .................................................. 3
7.3
Recommended Stencil Opening ............................... 9
5.3
Typical MOSFET Characteristics .............................. 4
7.4
Q5A Tape and Reel Information ............................. 10
6
Device and Documentation Support.................... 7
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (May 2013) to Revision B
Page
Added part number to title ..................................................................................................................................................... 1
Increased Pulsed Drain Current to 267 A ............................................................................................................................. 1
Added line for max power dissipation with case temperature held to 25° C .......................................................................... 1
Updated pulsed current conditions ........................................................................................................................................ 1
Changed Figure 1 to normalized RθJC curve ......................................................................................................................... 4
Updated SOA in Figure 10 .................................................................................................................................................... 6
Changes from Original (September 2012) to Revision A
Page
Changed the RθJC MAX value From: 2.3°C/W to 1.3°C/W ..................................................................................................... 3
Changed From: Max RθJA = 121°C/W To: Max RθJA = 125°C/W ........................................................................................... 4
Changed Typ RthJA = 99°C/W To:RthJA = 100°C/W in Figure 1 ........................................................................................... 4
Added the Recommended Stencil Opening section............................................................................................................... 9
2
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: CSD18533Q5A


Similar Part No. - CSD18533Q5A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18533Q5A TI-CSD18533Q5A Datasheet
1Mb / 11P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD18533Q5A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18542KCS TI1-CSD18542KCS Datasheet
468Kb / 11P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18531Q5A TI1-CSD18531Q5A_16 Datasheet
362Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18534Q5A TI1-CSD18534Q5A_16 Datasheet
420Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18531Q5A TI1-CSD18531Q5A Datasheet
699Kb / 10P
[Old version datasheet]   60V N-Channel NexFET??Power MOSFETs
CSD18540Q5B TI1-CSD18540Q5B_16 Datasheet
438Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18532Q5B TI1-CSD18532Q5B_16 Datasheet
877Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_16 Datasheet
699Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18540Q5B TI-CSD18540Q5B_15 Datasheet
974Kb / 15P
[Old version datasheet]   CSD18540Q5B 60V N-Channel NexFET Power MOSFETs
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com