Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD18534Q5A Datasheet(PDF) 9 Page - Texas Instruments

Part # CSD18534Q5A
Description  60V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18534Q5A Datasheet(HTML) 9 Page - Texas Instruments

Back Button CSD18534Q5A_16 Datasheet HTML 5Page - Texas Instruments CSD18534Q5A_16 Datasheet HTML 6Page - Texas Instruments CSD18534Q5A_16 Datasheet HTML 7Page - Texas Instruments CSD18534Q5A_16 Datasheet HTML 8Page - Texas Instruments CSD18534Q5A_16 Datasheet HTML 9Page - Texas Instruments CSD18534Q5A_16 Datasheet HTML 10Page - Texas Instruments CSD18534Q5A_16 Datasheet HTML 11Page - Texas Instruments CSD18534Q5A_16 Datasheet HTML 12Page - Texas Instruments CSD18534Q5A_16 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
4.310
3.020
0.500
1.570
1.270
0.615
1.105
0.500
1.585
1.235
0.620
0.500
(0.020) 8x
(0.020)
(0.020) 8x
(0.024)
(0.062)
4x
(0.050)
(0.044)
(0.024)
(0.119)
(0.062)
(0.049)
(0.170)
0.385
(0.015)
F10
F6
F7
M0139-01
F1
CSD18534Q5A
www.ti.com
SLPS389D – OCTOBER 2012 – REVISED JUNE 2015
7.2 Recommended PCB Pattern
Recommended PCB Pattern (continued)
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
F1
6.205
6.305
0.244
0.248
F2
4.46
4.56
0.176
0.18
F3
4.46
4.56
0.176
0.18
F4
0.65
0.7
0.026
0.028
F5
0.62
0.67
0.024
0.026
F6
0.63
0.68
0.025
0.027
F7
0.7
0.8
0.028
0.031
F8
0.65
0.7
0.026
0.028
F9
0.62
0.67
0.024
0.026
F10
4.9
5
0.193
0.197
F11
4.46
4.56
0.176
0.18
For recommended circuit layout for PCB designs, see application note Reducing Ringing Through PCB Layout
Techniques, SLPA005.
7.3 Recommended Stencil Opening
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: CSD18534Q5A


Similar Part No. - CSD18534Q5A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18534Q5A TI-CSD18534Q5A Datasheet
777Kb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18534Q5A TI-CSD18534Q5A Datasheet
2Mb / 49P
[Old version datasheet]   LM5141-Q1 Wide Input Range Synchronous Buck Controller
More results

Similar Description - CSD18534Q5A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18542KCS TI1-CSD18542KCS Datasheet
468Kb / 11P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18531Q5A TI1-CSD18531Q5A_16 Datasheet
362Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18533Q5A TI1-CSD18533Q5A_16 Datasheet
822Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18531Q5A TI1-CSD18531Q5A Datasheet
699Kb / 10P
[Old version datasheet]   60V N-Channel NexFET??Power MOSFETs
CSD18540Q5B TI1-CSD18540Q5B_16 Datasheet
438Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18532Q5B TI1-CSD18532Q5B_16 Datasheet
877Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_16 Datasheet
699Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18540Q5B TI-CSD18540Q5B_15 Datasheet
974Kb / 15P
[Old version datasheet]   CSD18540Q5B 60V N-Channel NexFET Power MOSFETs
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com