Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD18541F5T Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18541F5T
Description  60V N-Channel FemtoFET MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18541F5T Datasheet(HTML) 5 Page - Texas Instruments

  CSD18541F5T Datasheet HTML 1Page - Texas Instruments CSD18541F5T Datasheet HTML 2Page - Texas Instruments CSD18541F5T Datasheet HTML 3Page - Texas Instruments CSD18541F5T Datasheet HTML 4Page - Texas Instruments CSD18541F5T Datasheet HTML 5Page - Texas Instruments CSD18541F5T Datasheet HTML 6Page - Texas Instruments CSD18541F5T Datasheet HTML 7Page - Texas Instruments CSD18541F5T Datasheet HTML 8Page - Texas Instruments CSD18541F5T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TC - Case Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
175
0.6
0.8
1
1.2
1.4
1.6
1.8
D008
VGS = 4.5 V
VGS = 10 V
VSD - Source-To-Drain Voltage (V)
0
0.2
0.4
0.6
0.8
1
0.0001
0.001
0.01
0.1
1
10
100
D009
TC = 25qC
TC = 125qC
TC - Case Temperature (°C)
-75
-50
-25
0
25
50
75
100
125
150
175
1
1.15
1.3
1.45
1.6
1.75
1.9
2.05
2.2
D006
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
40
50
60
70
80
90
100
110
120
D007
TC = 25°C, I D = 1 A
TC = 125°C, I D = 1 A
Qg - Gate Charge (nC)
0
2
4
6
8
10
12
0
1
2
3
4
5
6
7
8
9
10
D004
VDS - Drain-to-Source Voltage (V)
0
6
12
18
24
30
36
42
48
54
60
1
10
100
1000
D005
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
5
CSD18541F5
www.ti.com
SLPS571 – MAY 2016
Product Folder Links: CSD18541F5
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical MOSFET Characteristics (continued)
TA = 25°C (unless otherwise stated)
ID = 1 A
VDS = 30 V
Figure 4. Gate Charge
Figure 5. Capacitance
ID = 250 µA
Figure 6. Threshold Voltage vs Temperature
Figure 7. On-State Resistance vs Gate-to-Source Voltage
ID = 1 A
Figure 8. Normalized On-State Resistance vs Temperature
Figure 9. Typical Diode Forward Voltage


Similar Part No. - CSD18541F5T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18540Q5B TI1-CSD18540Q5B Datasheet
438Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
logo
Inchange Semiconductor ...
CSD18540Q5B ISC-CSD18540Q5B Datasheet
362Kb / 3P
   N-Channel MOSFET Transistor
logo
Texas Instruments
CSD18540Q5BT TI1-CSD18540Q5BT Datasheet
438Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18540Q5B TI-CSD18540Q5B_15 Datasheet
974Kb / 15P
[Old version datasheet]   CSD18540Q5B 60V N-Channel NexFET Power MOSFETs
CSD18540Q5B TI1-CSD18540Q5B_16 Datasheet
438Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD18541F5T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD13383F4 TI1-CSD13383F4 Datasheet
764Kb / 13P
[Old version datasheet]   N-Channel FemtoFET MOSFET
CSD17382F4 TI1-CSD17382F4 Datasheet
591Kb / 13P
[Old version datasheet]   30V N-Channel FemtoFET MOSFET
CSD17483F4 TI1-CSD17483F4_13 Datasheet
583Kb / 12P
[Old version datasheet]   30 V, N-Channel FemtoFET MOSFET
CSD17381F4 TI1-CSD17381F4_16 Datasheet
602Kb / 13P
[Old version datasheet]   30 V N-Channel FemtoFET MOSFET
CSD17484F4 TI1-CSD17484F4_16 Datasheet
588Kb / 13P
[Old version datasheet]   30 V N-Channel FemtoFET MOSFET
CSD13385F5 TI1-CSD13385F5 Datasheet
947Kb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD17585F5 TI1-CSD17585F5 Datasheet
948Kb / 14P
[Old version datasheet]   30-V N-Channel FemtoFET MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
[Old version datasheet]   12 V, N-Channel FemtoFET??MOSFET
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD15380F3 TI1-CSD15380F3 Datasheet
1Mb / 14P
[Old version datasheet]   CSD15380F3 20-V N-Channel FemtoFET??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com