Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD19531Q5AT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CSD19531Q5AT
Description  100V N-Channel NexFET Power MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19531Q5AT Datasheet(HTML) 2 Page - Texas Instruments

  CSD19531Q5AT Datasheet HTML 1Page - Texas Instruments CSD19531Q5AT Datasheet HTML 2Page - Texas Instruments CSD19531Q5AT Datasheet HTML 3Page - Texas Instruments CSD19531Q5AT Datasheet HTML 4Page - Texas Instruments CSD19531Q5AT Datasheet HTML 5Page - Texas Instruments CSD19531Q5AT Datasheet HTML 6Page - Texas Instruments CSD19531Q5AT Datasheet HTML 7Page - Texas Instruments CSD19531Q5AT Datasheet HTML 8Page - Texas Instruments CSD19531Q5AT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CSD19531Q5A
SLPS406B – SEPTEMBER 2013 – REVISED MAY 2014
www.ti.com
Table of Contents
6.1
Trademarks ............................................................... 7
1
Features .................................................................. 1
6.2
Electrostatic Discharge Caution ................................ 7
2
Applications ........................................................... 1
6.3
Glossary .................................................................... 7
3
Description ............................................................. 1
7
Mechanical, Packaging, and Orderable
4
Revision History..................................................... 2
Information ............................................................. 8
5
Specifications......................................................... 3
7.1
Q5A Package Dimensions ........................................ 9
5.1
Electrical Characteristics........................................... 3
7.2
Recommended PCB Pattern................................... 10
5.2
Thermal Characteristics ............................................ 3
7.3
Recommended Stencil Opening ............................. 11
5.3
Typical MOSFET Characteristics .............................. 4
7.4
Q5A Tape and Reel Information ............................. 11
6
Device and Documentation Support.................... 7
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (January 2014) to Revision B
Page
Increased pulsed drain current to 337A ................................................................................................................................ 1
Added line for max power dissipation with case temperature held to 25°C .......................................................................... 1
Changed Figure 1 from a normalized RθJA curve to a normalized RθJC curve........................................................................ 4
Updated the safe operating area in Figure 10 ....................................................................................................................... 6
Changes from Original (September 2013) to Revision A
Page
Added more information to description................................................................................................................................... 1
Added small reel order number .............................................................................................................................................. 1
Removed TC = 25°C condition from continuous drain current (package limited) in Absolute Maximum Ratings table ......... 1
Updated the pulsed drain current conditions ......................................................................................................................... 1
Changed Typ RthJA = 99°C/W to RthJA = 100°C/W in Figure 1 ............................................................................................ 4
2
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: CSD19531Q5A


Similar Part No. - CSD19531Q5AT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19531Q5A TI1-CSD19531Q5A Datasheet
1Mb / 12P
[Old version datasheet]   100V N-Channel NexFET Power MOSFETs
CSD19531Q5A TI1-CSD19531Q5A Datasheet
1Mb / 14P
[Old version datasheet]   CSD19531Q5A 100 V N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD19531Q5AT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19531Q5A TI1-CSD19531Q5A Datasheet
1Mb / 12P
[Old version datasheet]   100V N-Channel NexFET Power MOSFETs
CSD19534Q5A TI1-CSD19534Q5A Datasheet
374Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFETs
CSD19531KCS TI1-CSD19531KCS Datasheet
838Kb / 7P
[Old version datasheet]   100V N-Channel NexFET??Power MOSFETs
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16407Q5 TI1-CSD16407Q5 Datasheet
340Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD17551Q3A TI1-CSD17551Q3A_16 Datasheet
779Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com