Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1776QML Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DS1776QML
Description  Pi-Bus Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS1776QML Datasheet(HTML) 3 Page - Texas Instruments

  DS1776QML Datasheet HTML 1Page - Texas Instruments DS1776QML Datasheet HTML 2Page - Texas Instruments DS1776QML Datasheet HTML 3Page - Texas Instruments DS1776QML Datasheet HTML 4Page - Texas Instruments DS1776QML Datasheet HTML 5Page - Texas Instruments DS1776QML Datasheet HTML 6Page - Texas Instruments DS1776QML Datasheet HTML 7Page - Texas Instruments DS1776QML Datasheet HTML 8Page - Texas Instruments DS1776QML Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DS1776QML
www.ti.com
SNOSC82B – AUGUST 2012 – REVISED JUNE 2015
4 Pin Configuration and Functions
LCCC Package
FK0028A
Top View
Pin Descriptions
PIN
I/O
DESCRIPTION
NAME
NO.
A0
3
I/O
A1
5
I/O
A2
6
I/O
A3
7
I/O
TTL Level, latched input/TRI-STATE output (with VX control option)
A4
9
I/O
A5
10
I/O
A6
12
I/O
A7
13
I/O
B0
27
I/O
B1
26
I/O
B2
24
I/O
B3
23
I/O
Data input with special threshold circuitry to reject noise/Open Collector output, High
current drive
B4
21
I/O
B5
20
I/O
B6
19
I/O
B7
17
I/O
OEB 0
15
I
Enables the B outputs when both pins are low
OEB 1
16
I
OEA
2
I
Enables the A outputs when High
LE
28
I
Latched when High (a special delay feature is built in for proper enabling times)
VX
14
I
Clamping voltage keeping VOH from rising above VX (VX = VCC for normal use)
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS1776QML


Similar Part No. - DS1776QML

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS1776 NSC-DS1776 Datasheet
204Kb / 11P
   PI-Bus Transceiver
DS1776E/883 NSC-DS1776E/883 Datasheet
204Kb / 11P
   PI-Bus Transceiver
DS1776J/883 NSC-DS1776J/883 Datasheet
204Kb / 11P
   PI-Bus Transceiver
More results

Similar Description - DS1776QML

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F776 PHILIPS-74F776 Datasheet
108Kb / 12P
   Pi-bus transceiver
1990 Dec 19
logo
National Semiconductor ...
DS1776 NSC-DS1776 Datasheet
204Kb / 11P
   PI-Bus Transceiver
logo
PHOENIX CONTACT
1334222 PHOENIX-1334222 Datasheet
385Kb / 10P
   Transceiver - FOC-CAGE:SFP/SFP:1X4:PI
1334221 PHOENIX-1334221 Datasheet
388Kb / 10P
   Transceiver - FOC-CAGE:SFP/SFP:1X2:PI
1334220 PHOENIX-1334220 Datasheet
385Kb / 10P
   Transceiver - FOC-CAGE:SFP/SFP:1X1:PI
logo
Fairchild Semiconductor
DM74LS645 FAIRCHILD-DM74LS645 Datasheet
52Kb / 5P
   Octal Bus Transceiver
logo
Toshiba Semiconductor
TC74LVX245F TOSHIBA-TC74LVX245F Datasheet
270Kb / 8P
   OCTAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
   DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Motorola, Inc
SN54LS245 MOTOROLA-SN54LS245 Datasheet
155Kb / 4P
   OCTAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com