Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD22204W Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CSD22204W
Description  8 V P-Channel NexFET Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD22204W Datasheet(HTML) 2 Page - Texas Instruments

  CSD22204W Datasheet HTML 1Page - Texas Instruments CSD22204W Datasheet HTML 2Page - Texas Instruments CSD22204W Datasheet HTML 3Page - Texas Instruments CSD22204W Datasheet HTML 4Page - Texas Instruments CSD22204W Datasheet HTML 5Page - Texas Instruments CSD22204W Datasheet HTML 6Page - Texas Instruments CSD22204W Datasheet HTML 7Page - Texas Instruments CSD22204W Datasheet HTML 8Page - Texas Instruments CSD22204W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CSD22204W
SLPS559 – MARCH 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
6
Device and Documentation Support.................... 7
6.1
Trademarks ............................................................... 7
2
Applications ........................................................... 1
6.2
Electrostatic Discharge Caution ................................ 7
3
Description ............................................................. 1
6.3
Glossary .................................................................... 7
4
Revision History..................................................... 2
7
Mechanical, Packaging, and Orderable
5
Specifications......................................................... 3
Information ............................................................. 8
5.1
Electrical Characteristics........................................... 3
7.1
CSD22204W Package Dimensions .......................... 8
5.2
Thermal Information .................................................. 3
7.2
Recommended Land Pattern .................................... 9
5.3
Typical MOSFET Characteristics .............................. 4
7.3
Tape and Reel Information ....................................... 9
4 Revision History
DATE
REVISION
NOTES
March 2015
*
Initial release.
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: CSD22204W


Similar Part No. - CSD22204W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD22204W TI-CSD22204W_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD22204W ?? V P-Channel NexFET Power MOSFET
More results

Similar Description - CSD22204W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD22205L TI1-CSD22205L Datasheet
618Kb / 11P
[Old version datasheet]   8-V P-Channel NexFET Power MOSFET
CSD23203W TI1-CSD23203W Datasheet
369Kb / 12P
[Old version datasheet]   8 V P-Channel NexFET Power MOSFET
CSD22206W TI1-CSD22206W Datasheet
411Kb / 12P
[Old version datasheet]   8-V P-Channel NexFET Power MOSFET
CSD23203W TI-CSD23203W_15 Datasheet
1,009Kb / 17P
[Old version datasheet]   CSD23203W 8 V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A_16 Datasheet
1Mb / 15P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD22204W TI-CSD22204W_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD22204W ?? V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25404Q3 TI1-CSD25404Q3 Datasheet
406Kb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD23202W10 TI1-CSD23202W10 Datasheet
440Kb / 12P
[Old version datasheet]   12-V P-Channel NexFET Power MOSFET
CSD25213W10 TI-CSD25213W10 Datasheet
1Mb / 12P
[Old version datasheet]   P-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com