Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V28A Datasheet(PDF) 9 Page - Texas Instruments

Part # V28A
Description  DP8570A Timer Clock Peripheral
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V28A Datasheet(HTML) 9 Page - Texas Instruments

Back Button V28A Datasheet HTML 5Page - Texas Instruments V28A Datasheet HTML 6Page - Texas Instruments V28A Datasheet HTML 7Page - Texas Instruments V28A Datasheet HTML 8Page - Texas Instruments V28A Datasheet HTML 9Page - Texas Instruments V28A Datasheet HTML 10Page - Texas Instruments V28A Datasheet HTML 11Page - Texas Instruments V28A Datasheet HTML 12Page - Texas Instruments V28A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Functional Description (Continued)
The oscillator is programmed via the Real Time Mode Reg-
ister to operate at various frequencies The crystal oscillator
is designed to offer optimum performance at each frequen-
cy Thus at 32768 kHz the oscillator is configured as a low
frequency and low power oscillator At the higher frequen-
cies the oscillator inverter is reconfigured In addition to the
inverter the oscillator feedback bias resistor is included on
chip as shown in
Figure 4 The oscillator input may be driv-
en from an external source if desired Refer to test mode
application note for details The oscillator stability is en-
hanced through the use of an on chip regulated power sup-
ply
The typical range of trimmer capacitor (as shown in Oscilla-
tor Circuit Diagram
Figure 4 and in the typical application) at
the oscillator input pin is suggested only to allow accurate
tuning of the oscillator This range is based on a typical
printed circuit board layout and may have to be changed
depending on the parasitic capacitance of the printed circuit
board or fixture being used In all cases the load capaci-
tance
specified by the crystal manufacturer (nominal value
11 pF for the 32768 crystal) is what determines proper os-
cillation This load capcitance is the series combination of
capacitance on each side of the crystal (with respect to
ground)
TLF8638 – 3
FIGURE 4 Oscillator Circuit Diagram
XTAL
Co
Ct
ROUT
(Switched Internally)
3232768 kHz 47 pF 2 pF – 22 pF 150 kX to 350 kX
4194304 MHz 68 pF 0 pF – 80 pF 500X to 900X
49152 MHz
68 pF 29 pF – 49 pF 500X to 900X
INTERRUPT LOGIC FUNCTIONAL DESCRIPTION
The TCP has the ability to coordinate processor timing ac-
tivities To enhance this an interrupt structure has been im-
plemented which enables several types of events to cause
interrupts Interrupts are controlled via two Control Regis-
ters in block 1 and two Status Registers in block 0 (See
Register Description for notes on paging and also
Figure 5
and Table I)
The interrupts are enabled by writing a one to the appropri-
ate bits in Interrupt Control Register 0 andor 1 Any of the
interrupts can be routed to either the INTR pin or the MFO
pin depending on how the Interrupt Routing register is pro-
grammed This for example enables the user to dedicate
the MFO as a non-maskable interrupt pin to the CPU for
power failure detection and enable all other interrupts to
appear on the INTR pin The polarity for the active interrupt
can be programmed in the Output Mode Register for either
active high or low and open drain or push pull outputs
TABLE I Registers that are Applicable
to Interrupt Control
Register Name
Register
Page
Address
Select
Select
Main Status Register
X
X
00H
Periodic Flag Register
0
0
03H
Interrupt Routing
0
0
04H
Register
Interrupt Control
1
0
03H
Register 0
Interrupt Control
1
0
04H
Register 1
Output Mode
1
0
02H
Register
The Interrupt Status Flag D0 in the Main Status Register
indicates the state of INTR and MFO outputs It is set when
either output becomes active and is cleared when all TCP
interrupts have been cleared and no further interrupts are
pending (ie both INTR and MFO are returned to their inac-
tive state) This flag enables the TCP to be rapidly polled by
the mP to determine the source of an interrupt in a wired
OR interrupt system
Note that the Interrupt Status Flag will only monitor the state
of the MFO output if it has been configured as an interrupt
output (see Output Mode Register description) This is true
regardless of the state of the Interrupt Routing Register
Thus the Interrupt Status Flag provides a true reflection of
all conditions routed to the external pins
Status for the interrupts are provided by the Main Status
Register and the Periodic Flag Register Bits D1 – D5 of the
Main Status Register are the main interrupt bits
These register bits will be set when their associated timing
events occur Enabled Alarm or Timer interrupts that occur
will set its Main Status Register bit to a one However an
external interrupt will only be generated if the appropriate
Alarm or Timer interrupt enable bits are set (see
Figure 5 )
Disabling the periodic bits will mask the Main Status Regis-
ter periodic bit but not the Periodic Flag Register bits The
Power Fail Interrupt bit is set when the interrupt is enabled
and a power fail event has occurred and is not reset until
the power is restored If all interrupt enable bits are 0 no
interrupt will be asserted However status still can be read
from the Main Status Register in a polled fashion (see
Fig-
ure 5 )
To clear a flag in bits D2 – D5 of the Main Status Register a 1
must be written back into the bit location that is to be
cleared For the Periodic Flag Register reading the status
will reset all the periodic flags
8


Similar Part No. - V28A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
V28A TI1-V28A Datasheet
477Kb / 14P
[Old version datasheet]   Coaxial Transceiver Interface
V28A TI1-V28A Datasheet
313Kb / 18P
[Old version datasheet]   DP8573A Real Time Clock
V28A TI1-V28A Datasheet
265Kb / 14P
[Old version datasheet]   DP83910A CMOS SNI Serial Network Interface
logo
Toshiba Semiconductor
V28A000822A1 TOSHIBA-V28A000822A1 Datasheet
13Mb / 196P
   LCD Color Television
Ver. 2.02
logo
Vicor Corporation
V28A12C200B VICOR-V28A12C200B Datasheet
345Kb / 12P
   DC-DC Converter Module
More results

Similar Description - V28A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8571A NSC-DP8571A Datasheet
361Kb / 24P
   Timer Clock Peripheral (TCP)
DP8570A NSC-DP8570A Datasheet
381Kb / 26P
   Timer Clock Peripheral (TCP)
logo
Integrated Circuit Syst...
ICS411 ICST-ICS411 Datasheet
137Kb / 5P
   PC PERIPHERAL CLOCK
ICS409 ICST-ICS409 Datasheet
137Kb / 5P
   PC PERIPHERAL CLOCK
ICS650-01 ICST-ICS650-01 Datasheet
42Kb / 4P
   System Peripheral Clock Source
logo
Integrated Device Techn...
ICS650-21 IDT-ICS650-21 Datasheet
202Kb / 8P
   SYSTEM PERIPHERAL CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-01 RENESAS-ICS650-01 Datasheet
382Kb / 9P
   SYSTEM PERIPHERAL CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
ICS650-21 ICST-ICS650-21 Datasheet
63Kb / 4P
   System Peripheral Clock Source
ICS650-01B ICST-ICS650-01B Datasheet
44Kb / 4P
   System Peripheral Clock Source
logo
Renesas Technology Corp
ICS650-21 RENESAS-ICS650-21 Datasheet
357Kb / 9P
   SYSTEM PERIPHERAL CLOCK SOURCE
REV J 051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com