Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27620YZFT-G1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27620YZFT-G1
Description  System-Side Impedance Track??Fuel Gauge
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27620YZFT-G1 Datasheet(HTML) 3 Page - Texas Instruments

  BQ27620YZFT-G1 Datasheet HTML 1Page - Texas Instruments BQ27620YZFT-G1 Datasheet HTML 2Page - Texas Instruments BQ27620YZFT-G1 Datasheet HTML 3Page - Texas Instruments BQ27620YZFT-G1 Datasheet HTML 4Page - Texas Instruments BQ27620YZFT-G1 Datasheet HTML 5Page - Texas Instruments BQ27620YZFT-G1 Datasheet HTML 6Page - Texas Instruments BQ27620YZFT-G1 Datasheet HTML 7Page - Texas Instruments BQ27620YZFT-G1 Datasheet HTML 8Page - Texas Instruments BQ27620YZFT-G1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
bq27620-G1
www.ti.com
SLUSAE3 – OCTOBER 2012
2
DEVICE INFORMATION
2.1
AVAILABLE OPTIONS
FIRMWARE
TAPE and REEL
PART NUMBER
PACKAGE(1)
TA
COMMUNICATION FORMAT
VERSION(1)
QUANTITY
bq27620YZFR-G1
3000
1.06
CSP-15
–40°C to 85°C
I2C
(0x106)
bq27620YZFT-G1
250
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
2.2
THERMAL INFORMATION
bq27620-G1
THERMAL METRIC(1)
UNITS
YZF(15 PINS)
θJA
Junction-to-ambient thermal resistance
70
θJCtop
Junction-to-case (top) thermal resistance
17
θJB
Junction-to-board thermal resistance
20
°C/W
ψJT
Junction-to-top characterization parameter
1
ψJB
Junction-to-board characterization parameter
18
θJCbot
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953
Copyright © 2012, Texas Instruments Incorporated
DEVICE INFORMATION
3
Submit Documentation Feedback
Product Folder Links: bq27620-G1


Similar Part No. - BQ27620YZFT-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27621-G1 TI1-BQ27621-G1 Datasheet
833Kb / 19P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Dynamic Voltage Correlation
BQ27621-G1 TI1-BQ27621-G1_16 Datasheet
1Mb / 26P
[Old version datasheet]   System-Side Fuel Gauge With Dynamic Voltage Correlation
BQ27621YZFR-G1A TI1-BQ27621YZFR-G1A Datasheet
833Kb / 19P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Dynamic Voltage Correlation
BQ27621YZFR-G1A TI1-BQ27621YZFR-G1A Datasheet
1Mb / 26P
[Old version datasheet]   System-Side Fuel Gauge With Dynamic Voltage Correlation
BQ27621YZFT-G1A TI1-BQ27621YZFT-G1A Datasheet
833Kb / 19P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Dynamic Voltage Correlation
More results

Similar Description - BQ27620YZFT-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27520-G4 TI1-BQ27520-G4 Datasheet
1Mb / 34P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27500 TI-BQ27500_08 Datasheet
812Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500 Datasheet
763Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500-V130 TI1-BQ27500-V130 Datasheet
1Mb / 43P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27426 TI1-BQ27426 Datasheet
920Kb / 25P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27500-V120 TI-BQ27500-V120 Datasheet
789Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27510-G3 TI1-BQ27510-G3 Datasheet
1Mb / 30P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com