Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ28Z560-R1 Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ28Z560-R1
Description  Single Cell Li-Ion Battery Gas Gauge
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z560-R1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ28Z560-R1_14 Datasheet HTML 2Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 3Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 4Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 5Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 6Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 7Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 8Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 9Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
bq28z560-R1
SLUSBD3 – APRIL 2013
www.ti.com
RECOMMENDED OPERATING CONDITIONS
TA = 25ºC, VBAT = 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBAT
BAT pin 4 input
2.45
5.5
V
Gas gauge in NORMAL mode. ILOAD > Sleep
NORMAL operating mode
141
Current
Gas gauge in SLEEP mode. ILOAD < Sleep
Low-power
70
Current
IBAT
Gas gauge in FULLSLEEP mode. ILOAD <
µA
Sleep
31
Sleep Current
Gas gauge in HIBERNATE mode. ILOAD <
Hibernate
16
Hibernate Current
Shutdown
Gas gauge in SHUTDOWN mode
1
ISS
Maximum current
20
mA
CREG
Regulator output capacitor
0.1
µF
CBAT
VBAT input filter capacitor
0.1
µF
Resistor from VM to
RPACKN
510
Ω
PACKN
RPU_
SDA pull up resistor
1.3
3.3
k
Ω
VPU_
SDA pull up voltage
1.8
4.2
V
SDA, SCL OR GPIO Input
VIL_
–0.3
0.6
V
voltage low
SDA, SCL OR GPIO Input
VIH_
1.2
6
V
voltage high
SDA or GPIO output
VOL_
IOL = 3 mA (open drain)
0
0.4
V
voltage low
Capacitance for each I/O
CI
SDA and SCL input capacitance
10
pF
pin
Power Up Communication
tPUCD
250
ms
Delay
Input voltage range (SRP,
VAI2
VSS – 0.25
0.25
V
SRN)
BATTERY PROTECTION
TA = –40 to +85ºC, VBAT =1.5 V to 5.5 V; Typical values stated, where TA = 25ºC and VBAT =3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
NOM
MAX
UNIT
Minimum operating voltage for
VST
VST = VBAT – VM
1.2
V
0 V charging
RSHORT
Overcurrent release resistance
VBAT = 4.0 V, VM = 1 V
30
50
100
k
Ω
RDS
DS pin pull-down resistance
VBAT = 4.0 V
6.5
13.0
26.0
k
Ω
COUT Low Level Output voltage
VOL1
IOL = 30 µA, VBAT = 4.5 V
0.4
0.5
V
(referenced to VM)
COUT High Level Output voltage
VOH1
IOH = 30 µA, VBAT = 4.0 V
3.4
3.7
V
(referenced to VM)
DOUT Low Level Output voltage
VOL2
IOL = 30 µA, VBAT = 2.0 V
0.2
0.5
V
(referenced to Vss)
DOUT High Level Output voltage
VOH2
IOH = 30 µA, VBAT = 4.0 V
3.4
3.7
V
(referenced to Vss)
TA = 25˚C detection voltage
4.230
4.250
4.270
VDET1
Overcharge detection
TA = –10 to 60˚C
4.225
4.250
4.275
V
TA = –40 to 85˚C
4.200
4.250
4.300
TA = 25˚C
4.040
4.070
4.100
VREL1
Overcharge release voltage
TA = –10 to 60˚C
4.025
4.070
4.115
V
TA = –40 to 85˚C
4.010
4.070
4.130
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: bq28z560-R1
Not Recommended For New Designs


Similar Part No. - BQ28Z560-R1_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ28Z560-R1 TI1-BQ28Z560-R1 Datasheet
1Mb / 60P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge and Protection
More results

Similar Description - BQ28Z560-R1_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ28550-R1 TI1-BQ28550-R1 Datasheet
1Mb / 42P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge
BQ28Z560-R1 TI1-BQ28Z560-R1 Datasheet
1Mb / 60P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge and Protection
BQ28550 TI1-BQ28550 Datasheet
582Kb / 33P
[Old version datasheet]   bq28550 Single Cell Li-Ion Battery Gas Gauge and Protection
logo
Silicon Standard Corp.
SS4002AG SSC-SS4002AG Datasheet
967Kb / 23P
   Smart Li-Ion Battery Gas Gauge
logo
Texas Instruments
BQ26500 TI-BQ26500 Datasheet
336Kb / 27P
[Old version datasheet]   SINGLE-CELL LI-ION AND BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
BQ27000 TI-BQ27000_06 Datasheet
557Kb / 31P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27X00-TESTER TI1-BQ27X00-TESTER Datasheet
807Kb / 33P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000_07 Datasheet
695Kb / 33P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000 Datasheet
366Kb / 29P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com